Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3200 Datasheet(PDF) 15 Page - Texas Instruments

Part # TUSB3200
Description  USB Streaming Controller STC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3200 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TUSB3200 Datasheet HTML 11Page - Texas Instruments TUSB3200 Datasheet HTML 12Page - Texas Instruments TUSB3200 Datasheet HTML 13Page - Texas Instruments TUSB3200 Datasheet HTML 14Page - Texas Instruments TUSB3200 Datasheet HTML 15Page - Texas Instruments TUSB3200 Datasheet HTML 16Page - Texas Instruments TUSB3200 Datasheet HTML 17Page - Texas Instruments TUSB3200 Datasheet HTML 18Page - Texas Instruments TUSB3200 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 93 page
background image
1–9
1.8
Device Operation Modes
The EXTEN and TEST pins define the mode that the TUSB3200 will be in after reset.
MODE
EXTEN
TEST
Normal mode – internal MCU
0
0
External MCU mode
1
0
Factory test
0
1
Factory test
1
1
1.9
Terminal Assignments for CODEC Port Interface Modes
The CODEC port interface has eight modes of operation that support AC97, I2S, and AIC CODECs. There is also
a general-purpose mode that is not specific to a serial interface. The mode is programmed by writing to the mode
select field of the CODEC port interface configuration register 1 (CPTCNF1). The CODEC port interface terminals
CSYNC, CSCLK, CDATO, CDATI, CRESET, and CSCHNE take on functionality appropriate to the mode
programmed as shown in the following tables.
TERMINAL
GP
AIC
AC ’97 v1.X
AC ’97 v2.X
NO.
NAME
Mode 0
Mode 1
Mode 2
Mode 3
35
CSYNC
CSYNC
I/O
FS
O
SYNC
O
SYNC
O
34
CSCLK
CSCLK
I/O
SCLK
O
BIT_CLK
I
BIT_CLK
I
36
CDATO
CDATO
O
DOUT
O
SD_OUT
O
SD_OUT
O
38
CDATI
CDATI
I
DIN
I
SD_IN
I
SD_IN1
I
39
CRESET
CRESET
O
RESET
O
RESET
O
RESET
O
40
CSCHNE
NC
O
FC
O
NC
O
SD_IN2
I
TERMINAL
I2S
I2S
I2S
I2S
NO.
NAME
Mode 4
Mode 5
Mode 6
Mode 7
35
CSYNC
LRCK
O
LRCK
O
LRCK
O
LRCK
O
34
CSCLK
SCLK
O
SCLK
O
SCLK
O
SCLK
O
36
CDATO
SDOUT1
O
SDOUT1
O
SDOUT1
O
SDOUT1
O
38
CDATI
SDOUT2
O
SDOUT2
O
SDIN1
I
SDOUT2
O
39
CRESET
SDOUT3
O
SDIN1
I
SDIN2
I
SDOUT3
O
40
CSCHNE
SDIN1
I
SDIN2
I
SDIN3
I
SDOUT4
O
NOTES:
1. Signal names and I/O direction are with respect to the TUSB3200 device. The signal names used for
the TUSB3200 terminals for the various CODEC port interface modes reflect the nomenclature used
by the CODEC devices.
2. NC indicates no connection for the terminal in a particular mode. The TUSB3200 device drives the
signal as an output for these cases.
3. The CSYNC and CSCLK signals can be programmed as either an input or an output in the
general-purpose mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com