Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3200 Datasheet(PDF) 66 Page - Texas Instruments

Part # TUSB3200
Description  USB Streaming Controller STC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3200 Datasheet(HTML) 66 Page - Texas Instruments

Back Button TUSB3200 Datasheet HTML 62Page - Texas Instruments TUSB3200 Datasheet HTML 63Page - Texas Instruments TUSB3200 Datasheet HTML 64Page - Texas Instruments TUSB3200 Datasheet HTML 65Page - Texas Instruments TUSB3200 Datasheet HTML 66Page - Texas Instruments TUSB3200 Datasheet HTML 67Page - Texas Instruments TUSB3200 Datasheet HTML 68Page - Texas Instruments TUSB3200 Datasheet HTML 69Page - Texas Instruments TUSB3200 Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 93 page
background image
A–18
A.5.1.2 USB Status Register (USBSTA – Address FFFEh)
The USB status register contains various status bits used for USB operations.
Bit
7
6
5
4
3
2
1
0
Mnemonic
RSTR
SUSR
RESR
SOF
PSOF
SETUP
—
STPOW
Type
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
BIT
MNEMONIC
NAME
DESCRIPTION
7
RSTR
Function reset
The function reset bit is set to a 1 by hardware in response to the host PC initiating a
USB reset to the function. When a USB reset occurs, all of the USB logic blocks,
including the SIE, UBM, frame timer, and suspend/resume are automatically reset.
The function reset enable (FRSTE) control bit in the USB control register can be
used to enable the USB reset to reset all TUSB3200 logic, except the shadow the
ROM (SDW) and the USB function connect (CONT) bits. When the FRSTE control
bit is set to a 1, the reset output (RSTO) signal from the TUSB3200 device will also
be active when a USB reset occurs. This bit is read only and is cleared when the
MCU writes to the interrupt vector register.
6
SUSR
Function suspend
The function suspend bit is set to a 1 by hardware when a USB suspend condition is
detected by the suspend/resume logic. See eection 2.2.5 for details on the USB
suspend and resume operation. This bit is read only and is cleared when the MCU
writes to the interrupt vector register.
5
RESR
Function resume
The function resume bit is set to a 1 by hardware when a USB resume condition is
detected by the suspend/resume logic. See section 2.2.5 for details on the USB
suspend and resume operation. This bit is read only and is cleared when the MCU
writes to the interrupt vector register.
4
SOF
Start-of-frame
The start-of-frame bit is set to a 1 by hardware when a new USB frame starts. This bit
is set when the SOF packet from the host PC is detected, even if the TUSB3200
frame timer is not locked to the host PC frame timer. This bit is read only and is
cleared when the MCU writes to the interrupt vector register. The nominal SOF rate
is 1 ms.
3
PSOF
Pseudo start-of-frame
The pseudo start-of-frame bit is set to a 1 by hardware when a USB pseudo SOF
occurs. The pseudo SOF is an artificial SOF signal that is generated when the
TUSB3200 frame timer is not locked to the host PC frame timer. This bit is read only
and is cleared when the MCU writes to the interrupt vector register. The nominal
pseudo SOF rate is 1 ms.
2
SETUP
Setup stage transaction
The setup stage transaction bit is set to a 1 by hardware when a successful control
endpoint setup stage transaction is completed. Upon completion of the setup stage
transaction, the USB control endpoint setup stage data packet buffer should contain
a new setup stage data packet.
1
—
Reserved
Reserved for future use
0
STPOW
Setup stage transaction over-
write
The setup stage transaction over-write bit is set to a 1 by hardware when the data in
the USB control endpoint setup data packet buffer is over-written. This scenario
occurs when the host PC prematurely terminates a USB control transfer by simply
starting a new control transfer with a new setup stage transaction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com