Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3200 Datasheet(PDF) 88 Page - Texas Instruments

Part # TUSB3200
Description  USB Streaming Controller STC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3200 Datasheet(HTML) 88 Page - Texas Instruments

Back Button TUSB3200 Datasheet HTML 84Page - Texas Instruments TUSB3200 Datasheet HTML 85Page - Texas Instruments TUSB3200 Datasheet HTML 86Page - Texas Instruments TUSB3200 Datasheet HTML 87Page - Texas Instruments TUSB3200 Datasheet HTML 88Page - Texas Instruments TUSB3200 Datasheet HTML 89Page - Texas Instruments TUSB3200 Datasheet HTML 90Page - Texas Instruments TUSB3200 Datasheet HTML 91Page - Texas Instruments TUSB3200 Datasheet HTML 92Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 93 page
background image
A–40
A.5.7
Miscellaneous Registers
This section describes the memory-mapped registers used for the control and operation of miscellaneous functions
in the TUSB3200 device. The registers include the USB out endpoint interrupt register, the USB in endpoint interrupt
register, the interrupt vector register, the global control register, and the memory configuration register.
A.5.7.1 USB Out Endpoint Interrupt Register (OEPINT – Address FFB4h)
The USB out endpoint interrupt register contains the interrupt pending status bits for the USB out endpoints. These
bits do not apply to the USB isochronous endpoints. Also, these bits are read only by the MCU and are used for
diagnostic purposes only.
Bit
7
6
5
4
3
2
1
0
Mnemonic
OEPI7
OEPI6
OEPI5
OEPI4
OEPI3
OEPI2
OEPI1
OEPI0
Type
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
BIT
MNEMONIC
NAME
DESCRIPTION
7:0
OEPI(7:0)
Out endpoint interrupt
The out endpoint interrupt status bit for a particular USB out endpoint is set to a 1 by
the UBM when a successful completion of a transaction occurs to that out endpoint.
When a bit is set, an interrupt to the MCU will be generated and the corresponding
interrupt vector will result. The status bit will be cleared when the MCU writes to the
interrupt vector register. These bits do not apply to isochronous out endpoints.
A.5.7.2 USB In Endpoint Interrupt Register (IEPINT – Address FFB3h)
The USB in endpoint interrupt register contains the interrupt pending status bits for the USB in endpoints. These bits
do not apply to the USB isochronous endpoints. Also, these bits are read only by the MCU and are used for diagnostic
purposes only.
Bit
7
6
5
4
3
2
1
0
Mnemonic
IEPI7
IEPI6
IEPI5
IEPI4
IEPI3
IEPI2
IEPI1
IEPI0
Type
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
BIT
MNEMONIC
NAME
DESCRIPTION
7:0
IEPI(7:0)
In endpoint interrupt
The in endpoint interrupt status bit for a particular USB in endpoint is set to a 1 by the
UBM when a successful completion of a transaction occurs to that in endpoint.
When a bit is set, an interrupt to the MCU will be generated and the corresponding
interrupt vector will result. The status bit will be cleared when the MCU writes to the
interrupt vector register. These bits do not apply to isochronous in endpoints.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com