Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8363ACPZ-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # AD8363ACPZ-R7
Description  50 Hz to 6 GHz, 50 dB TruPwr??Detector
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8363ACPZ-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD8363ACPZ-R7 Datasheet HTML 24Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 25Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 26Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 27Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 28Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 29Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 30Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 31Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
AD8363
Rev. 0 | Page 28 of 36
When VSET is set to a particular value, the AD8363 compares
this value to the equivalent input power present at the RF input.
If these two values do not match, VOUT increases or decreases in
an effort to balance the system. The dominant pole of the error
amplifier/integrator circuit that drives VOUT is set by the capacitance
on the CLPF pin; some experimentation may be necessary to
choose the right value for this capacitor.
In general, CLPF should be chosen to provide stable loop operation
for the complete output power control range. If the slope (in
dB/V) of the gain control transfer function of the VGA is not
constant, CLPF must be chosen to guarantee a stable loop when
the gain control slope is at its maximum. In addition, CLPF must
provide adequate averaging to the internal low range squaring
detector so that the rms computation is valid. Larger values of CLPF
tend to make the loop less responsive.
The relationship between VSET and the RF input follows the
measurement mode behavior of the device. For example, Figure 6
shows the measurement mode transfer function at 900 MHz
and that an input power of −10 dBm yields an output voltage
of approximately 2.5 V. Therefore, in controller mode, if VSET is
2.5 V, the AD8363 output would go to whatever voltage is
necessary to set the AD8363 input power to −10 dBm.
CONSTANT OUTPUT POWER OPERATION
In controller mode, the AD8363 can be used to hold the output
power of a VGA stable over a broad temperature/input power
range. This is useful in topologies where a transmit card is driving
an HPA, or when connecting any two power sensitive modules
together. Figure 66 shows a schematic of a circuit setup that holds
the output power to approximately −26 dBm at 2.14 GHz, when
the input power is varied over a 40 dB dynamic range. Figure 67
shows the results. A portion of the output power is coupled off
using a 10 dB coupler, and it is then fed into the AD8363. VSET is
fixed at 0.95 V, which forces to AD8363 output voltage to control
the ADL5330 so that the input to the AD8363 is approximately
−36 dBm. If the AD8363 was in measurement mode and a
−36 dBm input power is applied, the output voltage would be
0.95 V. A general-purpose, rail-to-rail op amp (AD8062) is used
to invert the slope of the AD8363 so that the gain of the ADL5330
decreases as the AD8363 control voltage increases. The output
power is controlled to a 10 dB higher power level than that seen
by the AD8363 due to the coupler. The high end power is
limited by the linearity of the VGA (ADL5330) with high
attenuation and can be increased by using a higher linearity VGA.
The low end power is limited by the maximum gain of the VGA
(ADL5330) and can be increased by using a VGA with more
gain. The temperature performance is directly related to the
temperature performance of the AD8363 at 2.14 GHz and
−26 dBm, using TCM1 = 0.52 V and TCM2 = 0.6 V. All other
temperature variations are removed by the AD8363.
For more information on controller mode, see the Controller
Mode Basic Connections section.
T1
T2
C5
100pF
C6
100pF
C11
100pF
C12
100pF
C10
0.1µF
C12
0.1µF
C9
0.1µF
PIN
INHI
INLO
OPHI
OPLO
GAIN
ADL5330
POUT
10dB
COUPLER
AD8062
10k
Ω
10k
Ω
10k
Ω
10k
Ω
5V
0.95V
0.6V
0.52V
INHI
TCM1
TCM2
VSET
VOUT
CLPF
INLO
AD8363
Figure 66. Constant Power Circuit
–25.0
–25.5
–26.0
–26.5
–27.0
–27.5
–28.0
–40
–35
–30
–25
–20
–15
–10
–5
0
PIN (dBm)
–20°C
–40°C
+85°C
+25°C
0°C
Figure 67. Performance of the Circuit Shown in Figure 66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com