Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8363ACPZ-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # AD8363ACPZ-R7
Description  50 Hz to 6 GHz, 50 dB TruPwr??Detector
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8363ACPZ-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD8363ACPZ-R7 Datasheet HTML 27Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 28Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 29Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 30Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 31Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 32Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 33Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 34Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
AD8363
Rev. 0 | Page 31 of 36
Component
Function/Notes
Default Value
R1, R2, R6,
R13, R15
Output Interface (Default Configuration) in Measurement Mode. In this mode, a portion of the output
voltage is fed back to the VSET pin via R6. Using the voltage divider created by R2 and R6, the magnitude
of the slope at VOUT is increased by reducing the portion of VOUT that is fed back to VSET. If a fast
responding output is expected, the 0 Ω resistor (R15) can be removed to reduce parasitics on
the output.
R1 = 0 Ω,
R2 = open,
R6 = 0 Ω,
R13 = open,
R15 = 0 Ω
Output Interface in Controller Mode. In this mode, R6 must be open and R13 must have a 0 Ω resistor.
In controller mode, the AD8363 can control the gain of an external component. A setpoint voltage is
applied to the VSET pin, the value of which corresponds to the desired RF input signal level applied to
the AD8363. If a fast responding output is expected, the 0 Ω resistor (R15) can be removed to reduce
parasitics on the output.
C8, C9, R5
Low-Pass Filter Capacitors, CLPF. The low-pass filter capacitors reduce the noise on the output and affect the
pulse response time of the AD8363. This capacitor should be as large as possible. The smallest CLPF
capacitance should be 390 pF. R5, when set to a value other than 0 Ω, is used in conjunction with C8 and
C9 to modify the loop transfer function and change the loop dynamics in controller mode.
C8 = open,
C9 = 0.1 μF,
R5 = 0 Ω
C3
CHPF Capacitor. The CHPF capacitor introduces a high-pass filter affect into the AD8363 transfer function
and can also affect the response time. The CHPF capacitor should be as small as possible and connect to
VPOS when used. No capacitor is needed for input frequencies greater than 10 MHz.
C3 = open
R9, R12
TCM2/PWDN. The TCM2/PWDN pin controls the amount of nonlinear intercept temperature compensation
and/or shuts down the device. The evaluation board is configured to control this from a test loop, but VREF
can also be used by the voltage divider created by R9 and R12.
R9 = open,
R12 = open
R17, R18
TCM1. TCM1 controls the temperature compensation (5 kΩ impedance). The evaluation board is configured to
control this from a test loop, but VREF can also be used by the voltage divider created by R17 and R18.
Due to the relatively low impedance of the TCM1 pin and the limited current of the VREF pin, care should
be taken when choosing the R17 and R18 values.
R17 = open,
R18 = open
Paddle
Connect the paddle to both a thermal and electrical ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com