Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8363ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8363ACPZ-R7
Description  50 Hz to 6 GHz, 50 dB TruPwr??Detector
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8363ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8363ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
AD8363
Rev. 0 | Page 12 of 36
2.0
2.5
3.0
1.5
1.0
0.5
0
3
2
1
0
–3
–1
–2
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
INLO INPUT
VTCM1 = 0.88V, VTCM2 = 1.0V
Figure 21. VOUT and Log Conformance Error with Respect to 25°C Ideal Line
over Temperature vs. Input Amplitude at 5.8 GHz, Typical Device
2.0
2.5
3.0
1.5
1.0
0.5
0
3
2
1
0
–3
–1
–2
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
INLO INPUT
VTCM1 = 0.88V, VTCM2 = 1.0V
REPRESENTS 35 DEVICES
FROM 3 LOTS
Figure 22. Distribution of VOUT and Error with Respect to 25°C Ideal Line over
Temperature vs. Input Amplitude at 5.8 GHz, CW
2
3
1
0
–1
–2
–3
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
INLO INPUT
VTCM1 = 0.88V, VTCM2 = 1.0V
REPRESENTS 35 DEVICES FROM 3 LOTS
Figure 23. Distribution of Error with Respect to 25°C over Temperature vs.
Input Amplitude at 5.8 GHz, CW
100MHz
900MHz
5.8GHz
3.8GHz
1.9GHz
2.6GHz
2.14GHz
Figure 24. Single-Ended Input Impedance (S11) vs.
Frequency; ZO = 50 Ω, INHI or INLO
600
400
200
800
0
1.34
1.36
1.38
1.40
1.42
1.44
1.46
VTEMP (V)
REPRESENTS
APPROXIMATELY
3000 PARTS FROM
SIX LOTS
Figure 25. Distribution of VTEMP Voltage at 25oC, No RF Input
1.75
2.00
1.50
1.25
0
1.00
0.75
0.50
0.25
3
4
2
1
0
–1
–2
–3
–4
–50–40–30 –20–10 0 10 20 30 40 50 60 70 80 90 100 110 120130
TEMPERATURE (°C)
Figure 26. VTEMP and Error with Respect to Straight Line vs. Temperature for
Eleven Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com