Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8363ACPZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # AD8363ACPZ-R7
Description  50 Hz to 6 GHz, 50 dB TruPwr??Detector
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8363ACPZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD8363ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 23Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 24Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 25Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 26Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
AD8363
Rev. 0 | Page 23 of 36
Increasing the amount of calibration points can increase the
accuracy of the room temperature performance over a select
power level. Figure 56 shows the same measured data as Figure 55;
except that one calibration point was added at −7 dBm giving
an increase in room temperature linearity between −20 dBm to
+4 dBm. Figure 56 is similar to Figure 14, except Figure 14 includes
more parts and assumes many more calibration points, specifically
1 dB steps from −20 dBm to −40 dBm.
Even though a large amount of calibration points is less practical,
Figure 14 is helpful because it shows the true temperature
performance no matter the location of the calibration point. As
can be seen from both Figure 14 and Figure 56, the temperature
performance tends to change at power levels above −15 dBm.
As shown in Figure 14, because the distribution of temperature
performance is tight for the higher power levels, VTCM1 and
VTCM2 can be optimized for the higher power levels, or a separate
offset can be placed in the calibration routine that adds offsets for
changes in temperature.
Figure 57 shows a two-point calibration like Figure 55 but the
calibration points were changed from −40 dBm and −21 dBm
to −39 dBm and −11 dBm. This demonstrates how calibration
points can be adjusted to increase dynamic range at the expense
of linearity. The higher power calibration point was moved to a
point where the AD8363 is not as linear. At 25°C, there is an error
of 0 dB at the calibration points. Note that the range over which
the AD8363 maintains an error of <±0.5 dB is extended to +53 dB
at 25°C. The disadvantage of this approach is that linearity suffers
and the linearity at −25 dBm degrades by about 0.2 dB and the
error at +3 dBm increases by about 0.7 dB.
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
2.5
1.5
0.5
–0.5
–1.5
–2.5
–60
–50
–40
–30
–20
–10
0
10
PIN, INHI (dBm)
+25°C
–40°C
+85°C
Figure 57. 2.14 GHz Transfer Function with Change in
Two-Point Calibration Points
ALTERING THE SLOPE
None of the changes to operating conditions discussed so far
effect the AD8363 logarithmic slope. The slope of the AD8363
can be easily increased or decreased. To reduce the slope, add a
voltage divider on the output, VOUT. To increase the slope, control
the fraction of VOUT that is fed back to the setpoint interface at
the VSET pin. When the full signal from VOUT is applied to
VSET, the slope assumes its nominal value of 52 mV/dB. It can
be increased by including a voltage divider between these pins,
as shown in Figure 58.
5
6
7
8
TEMP
VSET
R1
R2
VOUT
CLPF
Figure 58. Altering the Slope
Use moderately low resistance values to minimize the scaling
errors from the approximately 72 kΩ input resistance at the
VSET pin. Note that this resistor string also loads the output,
and eventually, it reduces the load driving capabilities, if very
low values are used. Equation 19 can be used to calculate the
resistor values.
R1 = R2' (SD/52 − 1)
(19)
where:
SD is the desired slope, expressed in mV/dB.
R2' is the value of R2 in parallel with 72 kΩ.
The typical slope of the AD8363 is 52; adjust this as needed.
Figure 59 shows a comparison between the regular slope of a
part and when the slope is doubled. For this example, R1 =
1.65 kΩ and R2 = 1.69 kΩ (R2' = 1.65 kΩ). The initial slope
was 52 mV/dB, and it increased to 104 mV/dB. The choice of
100 mV/dB scaling is useful when the output is applied to a
digital voltmeter because the displayed number directly reads
as a decibel quantity with only a decimal point shift.
When measuring a particular section of the input range,
operating at a high slope is useful. With a slope of 104 mV/dB,
a measurement range of 50 dB corresponds to a 5.2 V change in
VOUT, exceeding the capacity of the output stage of the AD8363,
when operating on a 5 V supply. Figure 59 clearly shows this effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com