Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8363ACPZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # AD8363ACPZ-R7
Description  50 Hz to 6 GHz, 50 dB TruPwr??Detector
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8363ACPZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD8363ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 23Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 24Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 25Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 26Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 27Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 28Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 29Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
AD8363
Rev. 0 | Page 26 of 36
CH1 500mV
M 1.00ms
A CH1
600mV
CH1 RISE
81.78µs
CH1 FALL
1.337ms
1
T 10.00%
T
Table 5 shows the recommended values of CLPF for popular
modulation schemes. For nonpulsed waveforms, increase CLPF
until the residual output noise falls below 50 mV (±0.5 dB). In
each case, the capacitor can be increased to further reduce the
noise. A 10% to 90% step response to an input step
is also listed. Where the increased response time is unacceptably
high, reduce CLPF, which increases the noise on the output. Due
to the random nature of the output ripple, if it is sampled by
an ADC, averaging in the digital domain further reduces the
residual noise.
Table 5 gives CLPF values to minimize noise while trying to keep
a reasonable response time. For nonpulsed type waveforms,
averaging is not required on the output. For pulsed waveforms,
the smaller the noise, the less averaging is needed on the output.
Figure 62. AD8363 Output to a WiMAX 802.16, 64 QAM, 256 Subcarriers,
10 MHz Bandwidth Signal with CLPF = 0.027 μF
System specifications determine the necessary rise time and fall
time. For example, the suggested CLPF value for WiMAX assumes
that it is not necessary to measure the power in the preamble.
Figure 62 shows how the rise time cuts off the preamble. Note
that the power in the preamble can be easily measured; however,
the CLPF value would have to be reduced slightly, and the noise in
the main signal would increase.
As shown in Figure 61, the fall time for the AD8363 increases
faster than the rise time with an increase in CLPF capacitance.
Some pulse-type modulation standards require a fast fall time as
well as a fast rise time, and in all cases, less output ripple is desired.
Placing an RC filter on the output reduces the ripple, according
to the frequency content of the ripple and the filter’s poles and
zeros. Using an RC output filter also changes the rise and fall
time vs. the output ripple response as compared to increasing
the CLPF capacitance.
Table 5. Recommended CLPF Values for Various Modulation Schemes
Modulation/Standard
Crest Factor (dB)
CLPF
Residual Ripple
(mV p-p)
Response Time (Rise/Fall)
10% to 90%
W-CDMA, 1Carrier, TM1-64
12
0.1 μF
15
236 μs/2.9 ms
W-CDMA, 1Carrier, TM1-64 (EVDO)
12
3900 pF
150
8.5 μs/100 μs
W-CDMA 4Carrier, TM1-64
11
0.1 μF
8
240 μs/2.99 ms
CDMA2000, 1Carrier, 9CH
9.1
0.1 μF
10
210 μs/3.1 ms
CDMA2000, 3Carrier, 9CH
11
0.1 μF
13
215 μs/3.14 ms
WiMAX 802.16 , 64 QAM, 256 Subcarriers, 10 MHz Bandwidth
14
0.027 μF
10
83 μs/1.35 ms
6C TD-SCDMA
14
0.01 μF
69
24 μs/207 μs
1C TD-SCDMA
11.4
0.01 μF
75
24 μs /198 μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com