Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8363ACPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # AD8363ACPZ-R7
Description  50 Hz to 6 GHz, 50 dB TruPwr??Detector
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8363ACPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD8363ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 23Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 24Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 25Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 26Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 27Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
AD8363
Rev. 0 | Page 24 of 36
When interfacing with an ADC, use as much of the input
dynamic range as possible to maximize the resolution. It is also
important that the VOUT voltage of the AD8363 does not exceed
the range accepted by the input of the ADC for the power levels
of interest. This must take into account the part-to-part variation of
the AD8363 and its variation over temperature. This is especially
important when the slope is increased. The VOUT distribution
is well characterized at major frequencies bands in the Typical
Performance Characteristics section. Most of the VOUT variation
from part to part and over temperature is due to an intercept
shift; therefore, increasing the slope should not increase the
distribution greatly. When increasing the slope, the intercept
does not change greatly. In Figure 59, the intercept changed
by 0.2 dB after the slope change. Therefore, it is possible to
calculate the maximum voltage for a particular power level
by using the following equation:
NewVMAX = OldVMAX (New Slope/Old Slope)
(20)
For example, Figure 10 shows that the maximum voltage for a
−20 dBm input at 1.9 GHz is 2 V. If the slope is doubled from
52 mV/dB to 104 mV/dB, the maximum voltage at the new
slope is 4 V. The REFIN voltage of the ADC (the voltage that
sets the maximum readable voltage in the ADC) is set to 4.16 V,
assuming a 3 dB margin on its input.
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
5
4
3
2
1
0
–1
–2
–3
–4
–5
–60
–50
–40
–30
–20
–10
0
–55
–45
–35
–25
–15
–5
5
10
PIN (dBm)
100mV SLOPE
50mV SLOPE
ERROR 50mV SLOPE
ERROR 100mV SLOPE
Figure 59. Slope Change from 52 mV/dB to 104 mV/dB, Frequency = 2.14 GHz
OFFSET COMPENSATION/MINIMUM CLPF AND
MAXIMUM CHPF CAPACITANCE VALUES
An offset-nulling loop is used to address small dc offsets within
the internal VGA as shown in Figure 60. The high-pass corner
frequency of this loop is set to about 1 MHz using an on-chip
25 pF capacitor, which is sufficiently low for most RF applications.
The high-pass corner can be lowered further by connecting a
capacitor between CHPF and VPOS.
The input offset voltage varies depending on the actual gain at
which the VGA is operating and, therefore, on the input signal
amplitude. When a large CHPF value is used, the offset correction
process can lag the more rapid changes in the gain of the VGA,
which can increase the time required for the loop to fully settle
for a given steady input amplitude. This can manifest itself in a
jumpy, seemingly oscillatory response of the AD8363.
In measurement mode, take care in choosing CHPF and CLPF
because there is a potential to create oscillations. In general, make
the capacitance on the CLPF pin as large as possible; there is no
maximum on the amount of capacitance that can be added to
this pin. Generally, there is no need for an external capacitor on the
CHPF pin; therefore, the pin can be left open. However, when
trying to get a fast response time and/or when working at low
frequencies, extra care in choosing the proper capacitance values
for CHPF and CLPF is prudent. With the gain control pin (VSET)
connected to VOUT, VSET can slew at a rate determined by the
on-chip squaring cell and CLPF. When VSET is changing with time,
the dc offsets in the VGA also vary with time. The speed at
which VSET slews can create a time varying offset that falls within
the high-pass corner set by CHPF. Therefore, in measurement mode,
take care to set CLPF appropriately to reduce the slew. It is also worth
noting that most of the typical performance data was derived with
CLPF = 3.9 nF and CHPF = 2.7 nF and with a CW waveform.
The minimum appropriate CLPF based on slew rate limitations is
as follows
CLPF > 20 × 10−3/FREQRFIN
(21)
where:
CLPF is in farads.
FREQRFIN is in hertz.
This takes into account the on-chip 25 pF capacitor, CF, in
parallel with CLPF. However, because there are other internal
device time delays that affect loop stability, use a minimum CLPF
of 390 pF.
The minimum appropriate CHPF for a given high-pass pole
frequency is
CHPF = 29.2 × 10−6/FHPPOLE − 25 pF
(22)
where FHPPOLE is in hertz.
The subtraction of 25 pF is a result of the on-chip 25 pF
capacitor in parallel with the external CHPF. Typically, choose
CHPF to give a pole (3 dB corner) at least 1 decade below the
desired signal frequency. Note that the high pass corner of the
offset compensation system is approximately 1 MHz without an
external CHPF; therefore, adding an external capacitor lowers the
corner frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com