Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8363ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8363ACPZ-R7
Description  50 Hz to 6 GHz, 50 dB TruPwr??Detector
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8363ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  AD8363ACPZ-R7 Datasheet HTML 1Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
AD8363
Rev. 0 | Page 5 of 36
Parameter
Conditions
Min
Typ
Max
Unit
Deviation from CW Response
13 dB peak-to-rms ratio (W-CDMA), over 32 dB dynamic range
±0.1
dB
12 dB peak-to-rms ratio (WiMAX), over 32 dB dynamic range
±0.1
dB
14.0 dB peak-to-rms ratio (16C CDMA2K), over 32 dB dynamic
range
±0.1
dB
256 QAM, CF = 8 dB, over 32 dB dynamic range
±0.1
dB
Input Impedance
Single-ended drive
95 − j65
Ω
3.8 GHz
TCM1 (Pin 16) = 0.56 V, TCM2 (Pin 1) = 1.0 V, INLO input
Output Voltage: High Power In
PIN = −20 dBm
1.54
V
Output Voltage: Low Power In
PIN = −40 dBm
0.54
V
±1.0 dB Dynamic Range
CW input, TA = 25°C
43
dB
Maximum Input Level, ±1.0 dB
−5
dBm
Minimum Input Level, ±1.0 dB
−48
dBm
Deviation vs. Temperature
Deviation from output at 25°C
−40°C < TA < +85°C; PIN = −20 dBm
+0.1/−0.7
dB
−40°C < TA < +85°C; PIN = −40 dBm
+0.4/−0.5
dB
Logarithmic Slope
50.0
mV/dB
Logarithmic Intercept
−51
dBm
Deviation from CW Response
13 dB peak-to-rms ratio (W-CDMA), over 32 dB dynamic range
±0.1
dB
12 dB peak-to-rms ratio (WiMAX), over 32 dB dynamic range
±0.1
dB
14.0 dB peak-to-rms ratio (16C CDMA2K), over 32 dB dynamic
range
±0.1
dB
256 QAM, CF = 8 dB, over 32 dB dynamic range
±0.1
dB
Input Impedance
Single-ended drive
42 − j4.5
Ω
5.8 GHz
TCM1 (Pin 16) = 0.88 V, TCM2 (Pin 1) = 1.0 V, INLO input
Output Voltage: High Power In
PIN = −20 dBm
1.38
V
Output Voltage: Low Power In
PIN = −40 dBm
0.36
V
±1.0 dB Dynamic Range
CW input, TA = 25°C
45
dB
Maximum Input Level, ±1.0 dB
−3
dBm
Minimum Input Level, ±1.0 dB
−48
dBm
Deviation vs. Temperature
Deviation from output at 25°C
−40°C < TA < +85°C; PIN = −20 dBm
+0.1/−0.6
dB
−40°C < TA < +85°C; PIN = −40 dBm
+0.3/−0.8
dB
Logarithmic Slope
51.1
mV/dB
Logarithmic Intercept
−47
dBm
Deviation from CW Response
13 dB peak-to-rms ratio (W-CDMA), over 32 dB dynamic range
±0.1
dB
12 dB peak-to-rms ratio (WiMAX), over 32 dB dynamic range
±0.1
dB
14.0 dB peak-to-rms ratio (16C CDMA2K), over 32 dB dynamic
range
±0.1
dB
256 QAM, CF = 8 dB, over 32 dB dynamic range
±0.1
dB
Input Impedance
Single-ended drive
28 + j1.6
Ω
OUTPUT INTERFACE
VOUT (Pin 6)
Output Swing, Controller Mode
Swing range minimum, RL ≥ 500 Ω to ground
0.03
V
Swing range maximum, RL ≥ 500 Ω to ground
4.8
V
Current Source/Sink Capability
Output held at VPOS/2
10/10
mA
Voltage Regulation
ILOAD = 8 mA, source/sink
−0.2/+0.1
%
Rise Time
Transition from no input to 1 dB settling at RFIN = −10 dBm,
CLPF = 390 pF, CHPF = open
3
μs
Fall Time
Transition from −10 dBm to within 1 dB of final value (that is,
no input level), CLPF = 390 pF, CHPF = open
15
μs
Noise Spectral Density
Measured at 100 kHz
45
nV/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com