Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8363ACPZ-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # AD8363ACPZ-R7
Description  50 Hz to 6 GHz, 50 dB TruPwr??Detector
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8363ACPZ-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD8363ACPZ-R7 Datasheet HTML 26Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 27Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 28Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 29Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 30Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 31Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 32Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 33Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
AD8363
Rev. 0 | Page 30 of 36
EVALUATION AND CHARACTERIZATION CIRCUIT
BOARD LAYOUTS
Figure 69 to Figure 73 show the evaluation board for the AD8363.
TEMP
VPOS
C9
0.1µF
C8
OPEN
8
7
6
5
VSET
VOUT
VOUT
C10
0.1µF
C6
OPEN
TCM1
VPOSC
13
14
15
16
C5
100pF
VPOS
R10
845
Ω
R11
1.4k
Ω
C7
0.1µF
12
11
10
9
12
3
GND
4
C3
OPEN
C4
100pF
C12
0.1µF
C11
OPEN
C13
0.1µF
PADDLE
AGND
NC
INHI
INLO
TCM1
TEMP
VSET
VOUT
CLPF
AD8363
DUT1
VPOS1
TCM2/PWDN
VREFC
R16
0
Ω
R5
0
Ω
R2
OPEN
R14
0
Ω
R8
0
Ω
R13
OPEN
R1
0
Ω
R6
0
Ω
R9
OPEN
R18
OPEN
R17
OPEN
R12
OPEN
VREFC
IN
R7
0
Ω
R15
0
Ω
VREF
VTGT
GNDI
Figure 69. Evaluation Board Schematic
Table 6. Bill of Materials
Component
Function/Notes
Default Value
C6, C10,
C11, C12
Input. The AD8363 is single ended driven. At frequencies ≤2.6 GHz, the best dynamic range is achieved by
driving Pin 14 (INHI). When driving INHI, populate C10 and C12 with an appropriate capacitor value for
the frequency of operation and leave C6 and C11 open. For frequencies >2.6 GHz, additional dynamic
range can be achieved by driving Pin 15 (INLO). When driving INLO, populate C6 and C11 with an appropriate
capacitor value for the frequency of operation and leave C10 and C12 open.
C6 = open,
C10 = 0.1 μF,
C11 = open
C12 = 0.1 μF
R7, R8,
R10, R11
VTGT. R10 and R11 are set up to provide 1.4 V to VTGT from VREF. If R10 and R11 are removed, an external
voltage can be used. Alternatively, R7 and R11 can be used to form a voltage divider for an external reference.
R7 = 0 Ω,
R8 = 0 Ω,
R10 = 845 Ω,
R11 = 1.4 kΩ
C4, C5, C7,
C13, R14, R16
Power Supply Decoupling. The nominal supply decoupling consists of a 100 pF filter capacitor placed
physically close to the AD8363, a 0 Ω series resistor, and a 0.1 μF capacitor placed close to the power
supply input pin. The 0 Ω resistor can be replaced with a larger resistor to add more filtering; however,
it is at the expense of a voltage drop.
C4 = 100 pF,
C5 = 100 pF,
C7 = 0.1μF,
C13 = 0.1μF,
R14 = 0 Ω,
R16 = 0 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com