Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8363ACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8363ACPZ-R7
Description  50 Hz to 6 GHz, 50 dB TruPwr??Detector
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8363ACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8363ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
AD8363
Rev. 0 | Page 19 of 36
Performance varies slightly from device to device; therefore,
optimal VTCM1 and VTCM2 values must be arrived at statistically
over a population of devices to be useful in mass production
applications.
The TCM1 and TCM2 pins have high input impedances,
approximately 5 kΩ and 500 kΩ, respectively, and can be
conveniently driven from an external source or from a fraction
of VREF by using a resistor divider. VREF does change slightly with
temperature and RF input amplitude (see Figure 41 and Figure 42);
however, the amount of change is unlikely to result in a significant
effect on the final temperature stability of the RF measurement system.
Figure 48 shows a simplified schematic representation of TCM1.
See the Power-Down Interface section for the TCM2 interface.
3k
Ω
3k
Ω
ESD
ESD
ESD
VPOS
COMM
TCM1
Figure 48. TCM1 Interface Simplified Schematic
POWER-DOWN INTERFACE
The quiescent and disabled currents for the AD8363 at 25°C are
approximately 60 mA and 300 μA, respectively. The dual function
pin, TCM2/PWDN, is connected to a temperature compensation
circuit as well as a power-down circuit. Typically, when PWDN
is greater than VPOS − 0.1 V, the device is fully powered down.
Figure 38 shows this characteristic as a function of VPWDN. Note
that because of the design of this section of the AD8363, as
VTCM2 passes through a narrow range at ~4.5 V (or ~VPOS − 0.5 V),
the TCM2/PWDN pin sinks approximately 750 μA. The source
used to disable the AD8363 must have a sufficiently high current
capability for this reason. Figure 35 shows the typical response
times for various RF input levels. The output reaches within 0.1
dB of its steady-state value in approximately 35 μs; however, the
reference voltage is available to full accuracy in a much shorter
time. This wake-up response varies depending on the input
coupling and the capacitances, CHPF and CLPF.
TCM2/
PWDN
COMM
VPOS
200
Ω
200
Ω
7k
Ω
7k
Ω
VREF
INTERCEPT
TEMPERATURE
COMPENSATION
200
Ω
POWER-UP
CIRCUIT
SHUTDOWN
CIRCUIT
ESD
ESD
ESD
Figure 49. PWDN Interface Simplified Schematic
VSET INTERFACE
The VSET interface has a high input impedance of 72 kΩ.
The voltage at VSET is converted to an internal current used
to set the internal VGA gain. The VGA attenuation control is
approximately 19 dB/V.
COMM
2.5k
Ω
18k
Ω
VSET
GAIN ADJUST
54k
Ω
Figure 50. VSET Interface Simplified Schematic
OUTPUT INTERFACE
The output driver used in the AD8363 is different from the
output stage on the AD8362. The AD8363 incorporates rail-to-
rail output drivers with pull-up and pull-down capabilities. The
closed-loop −3 dB bandwidth of the VOUT buffer with no load
is approximately 58 MHz with a single-pole roll-off of −20 dB/dec.
The output noise is approximately 45 nV/√Hz at 100 kHz, which
is independent of CLPF due to the architecture of the AD8363.
VOUT can source and sink up to 10 mA. There is an internal
load between VOUT and COMM of 2.5 kΩ.
VOUT
CLPF
2k
Ω
500
Ω
2pF
ESD
ESD
ESD
VPOS
COMM
Figure 51. VOUT Interface Simplified Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com