Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8363ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8363ACPZ-R7
Description  50 Hz to 6 GHz, 50 dB TruPwr??Detector
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8363ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8363ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
AD8363
By forcing the previo
Rev. 0 | Page 17 of 36
us identity through varying the VGA setpoint,
it is
(5)
Subs
results in
ent device, VSET = VOUT. Solving
for V
T
= VSLOPE × log10(RMS(RFIN)/VZ)
(7)
V/dB).
V.
trapolated
sing a
o the
at
tion for more information.)
Ω
t Pin
by the
coup
ignal
nput pin should be RF ac-
coupled to common (ground).
apparent that
RMS(VSIG) = √(Mean(VSIG2)) = √(VATG2) = VATG
tituting the value of VSIG from Equation 2
RMS(G0 × RFIN exp(−VSET/VGNS)) = VATG
(6)
When connected as a measurem
OUT
as a function of RFIN
VOU
where:
VSLOPE is 1 V/decade (or 50 m
VZ is the intercept voltage.
When RMS(RFIN) = VZ, because log10(1) = 0, this implies that
VOUT = 0 V, making the intercept the input that forces VOUT = 0
VZ has been fixed to approximately 280 μV (approximately
−58 dBm, referred to 50 Ω) with a CW signal at 100 MHz.
In reality, the AD8363 does not respond to signals less than
~−56 dBm. This means that the intercept is an ex
value outside the operating range of the device.
If desired, the effective value of VSLOPE can be altered by u
resistor divider between VOUT and VSET. (Refer t
Altering the Slope section for more information.)
In most applications, the AGC loop is closed through the
setpoint interface and the VSET pin. In measurement mode,
VOUT is directly connected to VSET. (See the Measurement
Mode Basic Connections section for more information.) In
controller mode, a control voltage is applied to VSET and the
VOUT pin typically drives the control input of an amplification
or attenuation system. In this case, the voltage at the VSET pin
forces a signal amplitude at the RF inputs of the AD8363 th
balances the system through feedback. (See the Controller
Mode Basic Connections sec
RF INPUT INTERFACE
Figure 44 shows the connections of the RF inputs within the
AD8363. The input impedance is set primarily by an internal 50
resistor connected between INHI and INLO. A dc level of
approximately half the supply voltage on each pin is established
internally. Either the INHI pin or the INLO pin can be used as
the single-ended RF input pin. (See the Choice of RF Inpu
section.) If the dc levels at these pins are disturbed,
performance is compromised; therefore, signal coupling
capacitors must be connected from the input signal to INHI
and INLO. The input signal high-pass corner formed
ling capacitors and the internal resistances is
fHIGH-PASS = 1/(2 × π × 50 × C)
(8)
where C is in farads and fHIGH-PASS is in hertz. The input coupling
capacitors must be large enough in value to pass the input s
frequency of interest. The other i
ESD ESD ESD ESD ESD ESD
V
ESD
ESD
ESD ESD ESD ESD ESD ESD
ESD
ESD
ESD
2.5k
Ω
2.5k
Ω
50
Ω
BIAS
VPOS
INHI
INLO
Figure 44. RF Inputs Simplified Schematic
Extensive ESD protection is employed on the RF inputs, which
363 was designed
lun can be used to
s not necessary, and
a loop to force a squared RF signal
to b
d dc vol
simp
er pole is given by
ITGT/(CLPF)
(9)
ITGT
TGT
; however, ITGT is a squared value of
)
mperature. However, because the RF squaring
ring circuit track with temperature, there is no
temp
1)
e low
seudorandom frequency content that either needs to be
ltered out or sampled and averaged out. See the Choosing a
alue for CLPF section for more information.
limits the maximum possible input amplitude to the AD8363.
CHOICE OF RF INPUT PIN
The dynamic range of the AD8363 can be optimized by choosing
the correct RF input pin for the intended frequency of operation.
Using INHI (Pin 14), users can obtain the best dynamic range at
frequencies up to 2.6 GHz. Above 2.6 GHz, it is recommended
that INLO (Pin 15) be used. At 2.6 GHz, the performance obtained
at the two inputs is approximately equal. The AD8
with a single-ended RF drive in mind. A ba
drive INHI and INLO differentially, but it i
it does not result in improved dynamic range.
SMALL SIGNAL LOOP RESPONSE
The AD8363 uses a VGA in
e equal to a square
tage. This nonlinear loop can be
lified and solved for a small signal loop response. The low-
pass corn
FreqLP ≈ 1.83 ×
where:
ITGT is in amperes.
CLPF is in farads.
FreqLP is in hertz.
is derived from V
VTGT multiplied by a transresistance, namely
ITGT = gm × VTGT2
(10
gm is approximately 18.9 μs, so with VTGT equal to the typically
recommended 1.4 V, ITGT is approximately 37 μA. The value of
this current varies with temperature; therefore, the small signal
pole varies with te
circuit and dc squa
erature variation contribution to the absolute value of VOUT.
For CW signals,
FreqLP ≈ 67.7 × 10−6/(CLPF)
(1
However, signals with large crest factors includ
p
fi
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com