Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8363ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8363ACPZ-R7
Description  50 Hz to 6 GHz, 50 dB TruPwr??Detector
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8363ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8363ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
AD8363
Rev. 0 | Page 15 of 36
600
500
400
300
200
100
0
2.24
2.26
2.28
2.30
2.32
2.34
2.36
VREF (V)
REPRESENTS
APPROXIMATELY
3000 PARTS FROM
SIX LOTS
Figure 39. Distribution of VREF, 25°C, No RF Input
2.320
2.318
2.316
2.314
2.312
2.310
2.308
2.306
2.304
2.302
2.300
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
VPOS (V)
Figure 40. Change in VREF with VPOS for Nine Devices
2.325
2.320
2.315
2.310
2.305
2.300
2.290
2.295
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Figure 41. Change in VREF with Temperature for Eleven Devices
2.34
2.33
2.32
2.31
2.30
2.29
2.28
2.27
2.26
–30
–25
–20
–15
–10
–5
0
5
10
PIN (dBm)
Figure 42. Change in VREF with Input Amplitude for Eleven Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com