Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8363ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8363ACPZ-R7
Description  50 Hz to 6 GHz, 50 dB TruPwr??Detector
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8363ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8363ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
AD8363
Rev. 0 | Page 16 of 36
THEORY OF OPERATION
The AD8363 is a 6 GHz, true rms responding detector with a
40 dB measurement range at 6 GHz and a greater than 50 dB
measurement range at frequencies less than 1 GHz. It incorporates
a modified AD8362 architecture that increases the frequency range
and improves measurement accuracy at high frequencies. Log
conformance peak-to-peak ripple has been reduced to <±0.1 dB
over the entire dynamic range. Temperature stability of the rms
output measurements provides <±0.5 dB error typically over the
specified temperature range of −40°C to 85°C through proprietary
techniques.
The AD8363 is an rms-to-dc converter capable of operating
on signals of approximately 50 Hz to 6 GHz or more. Unlike
logarithmic amplifiers, the AD8363 response is waveform
independent. The device accurately measures waveforms
that have a high peak-to-rms ratio (crest factor).
The AD8363 consists of a high performance AGC loop. As
shown in Figure 43, the AGC loop comprises a wide bandwidth
variable gain amplifier (VGA), square law detectors, an amplitude
target circuit, and an output driver. For a more detailed description
of the functional blocks, see the AD8362 data sheet.
The nomenclature used in this data sheet to distinguish
between a pin name and the signal on that pin is as follows:
•
The pin name is all upper cased, for example, VPOS,
COMM, and VOUT.
•
The signal name or a value associated with that pin is the
pin mnemonic with a partial subscript, for example, CLPF,
CHPF, and VOUT.
SQUARE LAW DETECTOR AND AMPLITUDE TARGET
The VGA gain has the form
GSET = GO exp(−VSET/VGNS)
(1)
where:
GO is the basic fixed gain.
VGNS is a scaling voltage that defines the gain slope (the decibel
change per voltage). The gain decreases with increasing VSET.
The VGA output is
VSIG = GSET × RFIN = GO × RFIN exp(VSET/VGNS)
(2)
where
RFIN is the ac voltage applied to the input terminals of the AD8363.
The output of the VGA, VSIG, is applied to a wideband square
law detector. The detector provides the true rms response of the
RF input signal, independent of waveform. The detector output,
ISQR, is a fluctuating current with positive mean value. The
difference between ISQR and an internally generated current,
ITGT, is integrated by CF and the external capacitor attached to
the CLPF pin at the summing node. CF is an on-chip 25 pF filter
capacitor, and CLPF, the external capacitance connected to the
CLPF pin, can be used to arbitrarily increase the averaging time
while trading off with the response time. When the AGC loop is
at equilibrium
Mean(ISQR) = ITGT
(3)
This equilibrium occurs only when
Mean(VSIG2) = VTGT2
(4)
where VTGT is the voltage presented at the VTGT pin. This pin
can conveniently be connected to the VREF pin through a voltage
divider to establish a target rms voltage VATG of ~70 mV rms, when
VTGT = 1.4 V.
Because the square law detectors are electrically identical and
well matched, process and temperature dependant variations
are effectively cancelled.
TCM1
TCM2/PWDN
BAND GAP
REFERENCE
COMM
VOUT
TEMP (1.4V)
VREF (2.3V)
ISQR
ITGT
X2
X2
GSET
CH
(INTERNAL)
CHPF
(EXTERNAL)
CLPF
(EXTERNAL)
CF
(INTERNAL)
VSIG
VGA
SUMMING
NODE
VSET
CHPF
VPOS
INHI
INLO
TEMPERATURE COMPENSATION
AND BIAS
TEMPERATURE
SENSOR
VTGT
CLPF
VATG =
VTGT
20
Figure 43. Simplified Architecture Details



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com