Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8363ACPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # AD8363ACPZ-R7
Description  50 Hz to 6 GHz, 50 dB TruPwr??Detector
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8363ACPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8363ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 23Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 24Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 25Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
AD8363
Rev. 0 | Page 22 of 36
DEVICE CALIBRATION AND ERROR CALCULATION
The measured transfer function of the AD8363 at 2.14 GHz is
shown in Figure 55. It shows plots of both output voltage vs.
input amplitude (power) and calculated error vs. input amplitude
(power). As the input power varies from −50 dBm to 0 dBm,
the output voltage varies from 0.25 V to about 2.8 V.
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
2.5
1.5
0.5
–0.5
–1.5
–2.5
–60
–50
–40
–30
–20
–10
0
10
PIN, INHI (dBm)
+25°C
–40°C
+85°C
Figure 55. 2.14 GHz Transfer Function Using Two-Point Calibration
Because slope and intercept vary from device to device, board-
level calibration must be performed to achieve high accuracy.
The equation for output voltage can be written as
VOUT = Slope × (PIN − Intercept)
(14)
where:
Slope is the change in output voltage divided by the change in
power (dB).
Intercept is the calculated input power level at which the output
voltage would be 0 V. (Note that Intercept is a theoretical value;
the output voltage can never achieve 0 V).
In general, calibration is performed by applying two (or more)
known signal levels into the input of the AD8363 and by measuring
the corresponding output voltages. The calibration points are
generally within the linear-in-dB operating range of the device
(see the Specifications section for more details).
The slope and intercept are calculated as follows:
Slope = (VOUT1 − VOUT2)/(PIN1 − PIN2)
(15)
Intercept = PIN1 − (VOUT1/Slope)
(16)
The previous formula for intercept is a shorthand formula based
upon Equation 14 and the assumption that the AD8363 is
operating within the linear-in-dB operating range. When the
slope and intercept are calculated, an equation can be written
that allows the calculation of the ideal input power based on the
output voltage of the detector.
PIN (unknown) = (VOUT1(MEASURED)/Slope) + Intercept
(17)
The log conformance error is the deviation of the detector from
the ideal calculated power and is given by
Error (dB) = (VOUT(MEASURED) − VOUT(IDEAL))/Slope
(18)
Figure 56 includes a plot of the error at 25°C, the temperature at
which the log amp is calibrated. Note that the error is not zero
because the detector does not perfectly follow the ideal straight
line. The error at the calibration points (in this case, −40 dBm
and −21 dBm) are, however, equal to zero by definition. Note that
Figure 55 is slightly different from those found in the Typical
Performance Characteristics section; its slope and intercept are
calculated using a two-point calculation and not based on multiple
points, as was used for the Typical Performance Characteristics.
Figure 55 also includes error plots for the output voltage at −40°C
and +85°C. These error plots are calculated using the slope and
intercept at 25°C. Another way of saying this is that the hot and
cold temperatures are calculated with respect to the output voltage
at ambient, and by definition, the error at ambient becomes
equal to 0. This is consistent with calibration in a mass production
environment, where calibration at temperature is not practical.
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
2.5
1.5
0.5
–0.5
–1.5
–2.5
–60
–50
–40
–30
–20
–10
0
10
PIN, INHI (dBm)
+25°C
–40°C
+85°C
Figure 56. 2.14 GHz Transfer Function Using a Three-Point Calibration
SELECTING AND INCREASING CALIBRATION
POINTS TO IMPROVE ACCURACY OVER A
REDUCED RANGE
Choose the amount and location of the calibration points carefully
because they can optimize the performance of the detector. In
some applications, increasing the dynamic range of the AD8363
may be desirable; however, in others, very high accuracy is required
at one power level or over a reduced input range. For example,
in a wireless transmitter, the accuracy of the high power amplifier
(HPA) is most critical at or close to full power. These objectives
can be achieved by the proper selection of the amount and
location of the calibration points.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com