Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8363ACPZ-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # AD8363ACPZ-R7
Description  50 Hz to 6 GHz, 50 dB TruPwr??Detector
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8363ACPZ-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD8363ACPZ-R7 Datasheet HTML 25Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 26Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 27Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 28Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 29Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 30Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 31Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 32Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
AD8363
Rev. 0 | Page 29 of 36
DESCRIPTION OF RF CHARACTERIZATION
A voltmeter measured the subsequent response to the stimulus,
and the results were stored in a database for later analysis. In this
way, multiple AD8363 devices were characterized over amplitude,
frequency, and temperature in a minimum amount of time.
The general hardware configuration used for most of the AD8363
characterization is shown in Figure 68. The AD8363 was driven
in a single-ended configuration for all characterization.
The RF stimulus amplitude was calibrated up to the connector
of the circuit board that carries the AD8363. However, the
calibration does not account for the slight losses due to the
connector and the traces from the connector to the device
under test. For this reason, there is a small absolute amplitude
error (<0.5 dB) not accounted for in the characterization data.
Characterization of the AD8363 employed a multisite test
strategy. Several AD8363 devices mounted on circuit boards
constructed with Rogers 3006 material was simultaneously
inserted into a remotely-controlled thermal test chamber.
A Keithley S46 RF switching network connected an Agilent
E8251A signal source to the appropriate device under test. An
Agilent 34980A switch matrix provided switching of dc power
and metering for the test sites. A PC running Agilent VEE Pro
controlled the signal source, switching, and chamber temperature.
This implies a slight error in the reported intercept; however,
this is generally not important because the slope and the relative
accuracy of the AD8363 are not affected.
The typical performance data was derived with CLPF = 3.9 nF
and CHPF = 2.7 nF with a CW waveform.
AD8363
CHARACTERIZATION
BOARD – TEST SITE 1
AD8363
CHARACTERIZATION
BOARD – TEST SITE 2
KEITHLEY S46
MICROWAVE
SWITCH
AGILENT E8251A
MICROWAVE
SIGNAL
GENERATOR
AGILENT 34980A
SWITCH MATRIX/
DC METER
AGILENT E3631A
DC POWER
SUPPLIES
PERSONAL
COMPUTER
AD8363
CHARACTERIZATION
BOARD – TEST SITE 3
RF
DC
DATA AND CONTROL
Figure 68. General RF Characterization Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com