Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8363ACPZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # AD8363ACPZ-R7
Description  50 Hz to 6 GHz, 50 dB TruPwr??Detector
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8363ACPZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD8363ACPZ-R7 Datasheet HTML 23Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 24Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 25Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 26Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 27Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 28Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 29Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 30Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
AD8363
Rev. 0 | Page 27 of 36
Figure 63 shows the response for a 2.14 GHz pulsed signal,
with CLPF = 3900 pF. The residual ripple from a single carrier
CDMA2000 9CH SR1 signal is 150 mV p-p. (The ripple is not
shown in Figure 63. The ripple was measured separately.) Figure 64
shows the response for a 2.14 GHz pulse signal with a CLPF of
390 pF and an output filter that consists of a series 75 Ω resistor
(closest to the output) followed by a 0.15 μF capacitor to ground.
The residual ripple for this configuration is also 150 mV p-p.
Note that the rise time is faster and the fall time is slower when
the larger CLPF is used to obtain a 150 mV p-p ripple.
CH1 500mV
M 100µs
A CH1
720mV
1
T 10.40%
T
CH1 RISE
8.480µs
CH1 FALL
101.4µs
CH1 AMPL
2.37V
Figure 63. Pulse Response with CLPF = 3900 pF Resulting in a 150 mV p-p
Ripple for a Single Carrier CDMA2000 9CH SR1 Signal at 2.14 GHz
CH1 500mV
M 100µs
A CH1
750mV
1
T 10.60%
T
CH1 RISE
13.66µs
CH1 FALL
35.32µs
CH1 AMPL
2.36V
VSET
TEMP
VOUT
CLPF
75
Ω
390pF
0.15µF
6
5
8
7
OSCILLOSCOPE
PROBE
Figure 64. Pulse Response with CLPF = 390 pF and Series 75 Ω Resistor
Followed by a 0.15 μF Capacitor to Ground, Resulting in a 150 mV p-p
Ripple for a Single Carrier CDMA2000 9CH SR1 Signal at 2.14 GHz
RF PULSE RESPONSE
The response of the AD8363 to pulsed RF waveforms is affected
by VTGT. Referring to Figure 33 and Figure 34, there is a period
of inactivity between the start of the RF waveform and the time
at which VOUT begins to show a reaction. This happens as a result of
the implementation of the balancing of the squarer currents within
the AD8363. This delay can be reduced by decreasing VTGT;
however, as previously noted in the VTGT Interface section,
this has implications on the sensitivity, intercept, and dynamic
range. While the delay is reduced, reducing VTGT increases the
rise and fall time of VOUT.
CONTROLLER MODE BASIC CONNECTIONS
In addition to being a measurement device, the AD8363 can
also be configured to control rms signal levels, as shown in
Figure 65.
The RF input to the device is configured as it was in measurement
mode and either input can be used. A directional coupler taps
off some of the power being generated by the VGA. If loss in the
main signal path is not a concern, and there are no issues with
reflected energy from the next stage in the signal chain, a power
splitter can be used instead of a directional coupler. Some
additional attenuation may be required to set the maximum
input signal at the AD8363 to be equal to the recommended
maximum input level for optimum linearity and temperature
stability at the frequency of operation.
The VSET and VOUT pins are no longer shorted together. VOUT
now provides a bias or gain control voltage to the VGA. The gain
control sense of the VGA must be negative and monotonic, that is,
increasing voltage tends to decrease gain. However, the gain
control transfer function of the device does not need to be well
controlled or particularly linear. If the gain control sense of the
VGA is positive, an inverting op amp circuit with a dc offset
shift can be used between the AD8363 and the VGA to keep the
gain control voltage in the 0.03 V to 4.8 V range.
VSET becomes the set-point input to the system. This can be
driven by a DAC, as shown in Figure 65, if the output power is
expected to vary, or it can simply be driven by a stable reference
voltage, if constant output power is required. This DAC should
have an output swing that covers the 0.15 V to 3.5 V range. The
AD7391 and AD7393 serial input and parallel input 10-bit DACs
provide adequate resolution (4 mV/bit) and an adjustable
output swing over 4.5 V.
AD8363
CLPF
C10
C12
VSET
VOUT
DAC
(0.15V TO 3.5V)
(0.03V TO 4.8V AVAILABLE SWING)
ATTENUATOR
POUT
PIN
VAPC
VGA OR VVA
(OUTPUT POWER
DECREASES AS
VAPC INCREASES)
INHI
INLO
C9
SEE TEXT
Figure 65. Controller Mode Operation for Automatic Power Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com