Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8363ACPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8363ACPZ-R7
Description  50 Hz to 6 GHz, 50 dB TruPwr??Detector
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8363ACPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8363ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 23Page - Analog Devices AD8363ACPZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
AD8363
Rev. 0 | Page 20 of 36
VTGT INTERFACE
The target voltage can be set with an external source or by
connecting the VREF pin (nominally 2.3 V) to the VTGT pin
through a resistive voltage divider. With 1.4 V on the VTGT pin,
the rms voltage that must be provided by the VGA to balance the
AGC feedback loop is 1.4 V × 0.05 = 70 mV rms. Most of the
characterization information in this data sheet was collected at
VTGT = 1.4 V. Voltages higher and lower than this can be used;
however, doing so increases or decreases the gain at the internal
squaring cell, which results in a corresponding increase or
decrease in intercept. This in turn affects the sensitivity and the
usable measurement range. Because the gain of the squaring
cell varies with temperature, oscillations or a loss in measurement
range can result. For these reasons, do not reduce VTGT below 1.3 V.
VTGT
50k
Ω
50k
Ω
10k
Ω
ESD
ESD
ESD
VPOS
COMM
g × X2
ITGT
Figure 52. VTGT Interface Simplified Schematic
OPERATION TO 125°C
Most of the information in this data sheet describes operation up
to, but not exceeding, 85°C. Operation up to 125°C is possible;
however, the performance of the AD8363 above 85°C can be
degraded. Figure 53 shows the typical operation at 125°C as
compared to other temperatures using the TCM1 and TCM2
values in Table 4. Temperature compensation can be optimized
for operation above 85°C by modifying the voltages on the TCM1
and TCM2 pins from those shown in Table 4.
4
5
6
3
2
1
0
3
2
1
0
–3
–1
–2
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
INHI INPUT
VTCM1 = 0.52V, VTCM2 = 0.6V
–40°C
+25°C
+85°C
+125°C
Figure 53. VOUT and Log Conformance Error vs.
Input Amplitude at 2.14 GHz, −40°C to +125°C
BASIS FOR ERROR CALCULATIONS
The slope and intercept used in the error plots are calculated
using the coefficients of a linear regression performed on data
collected in its central operating range. The error plots in the
Typical Performance Characteristics section are shown in two
formats: error from the ideal line and error with respect to 25°C.
The error from the ideal line is the decibel difference in VOUT
from the ideal straight-line fit of VOUT calculated by the linear-
regression fit over the linear range of the detector, typically at
25°C. The error in decibels is calculated by
Error (dB) = (VOUT − Slope × (PIN − PZ))/Slope
(12)
where PZ is the x-axis intercept expressed in dBm (the input
amplitude that produces a 0 V output, if such an output is possible).
The linear range of the detector was assumed to be −20 dBm to
−40 dBm. The error from the ideal line is not a measure of absolute
accuracy because it is calculated using the slope and intercept of
each device. However, it verifies the linearity and the effect of
temperature and modulation on the response of the device.
Examples of this type of plot are Figure 3 and Figure 4. The slope
and intercept that form the ideal line are those at 25°C with CW
modulation. Figure 27, Figure 28, Figure 30, and Figure 31 show
the error with various popular forms of modulation with respect to
the ideal CW line. This method for calculating error is accurate
assuming each device is calibrated at room temperature and/or
CW modulation, as appropriate.
In the second plot format, the VOUT voltage at a given input
amplitude and temperature is subtracted from the corresponding
VOUT at 25°C and then divided by the 25°C slope to obtain an error
in decibels. This type of plot does not provide any information on
the linear-in-dB performance of the device; it merely shows the
decibel equivalent of the deviation of VOUT over temperature,
given a calibration at 25°C. When calculating error from any
one particular calibration point, this error format is accurate. It is
accurate over the full range shown on the plot assuming enough
calibration points are used. Figure 5 shows this plot type.
The error calculation for Figure 32 is in the same method as the
first type previously mentioned, except that instead of varying
the operating temperature of the device, the operating voltage
was varied and the error is expressed with the nominal (5 V)
response as the base response.
The error calculations for Figure 26 are similar to that for the
VOUT plots. The slope and intercept of the VTEMP function vs.
temperature were determined and applied as follows:
Error (°C) = (VTEMP − Slope × (Temp − TZ))/Slope
(13)
where:
TZ is the x-axis intercept expressed in degrees Celsius (the
temperature that would result in a VTEMP of 0 V (an
extrapolation because this is not possible).
Temp is the temperature of the AD8363 in degrees Celsius.
Slope is expressed in V/°C.
VTEMP is the voltage at the TEMP pin at that temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com