Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9551/PCBZ Datasheet(PDF) 29 Page - Analog Devices

Part # AD9551/PCBZ
Description  Multiservice Clock Generator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9551/PCBZ Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9551/PCBZ Datasheet HTML 25Page - Analog Devices AD9551/PCBZ Datasheet HTML 26Page - Analog Devices AD9551/PCBZ Datasheet HTML 27Page - Analog Devices AD9551/PCBZ Datasheet HTML 28Page - Analog Devices AD9551/PCBZ Datasheet HTML 29Page - Analog Devices AD9551/PCBZ Datasheet HTML 30Page - Analog Devices AD9551/PCBZ Datasheet HTML 31Page - Analog Devices AD9551/PCBZ Datasheet HTML 32Page - Analog Devices AD9551/PCBZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
AD9551
Rev. B | Page 29 of 40
REGISTER MAP
A bit that is labeled “aclr” is an active high, autoclearing bit. When set to a Logic 1 state, the control logic automatically returns it to
a Logic 0 state upon completion of the indicated task.
Table 22. Register Map
Addr.
(Hex)
Register
Name
(MSB)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
(LSB)
Bit 0
Default
0x00
Serial port
control
0
LSB first
Soft reset
(aclr)
1
1
Device reset
LSB first
0
0x18
0x04
Readback
control
Unused
Unused
Unused
Unused
Unused
Unused
Unused
Readback
control
0x00
0x05
I/O update
Unused
Unused
Unused
Unused
Unused
Unused
Unused
I/O update
(aclr)
0x00
0x0A
Output PLL
PFD and
charge
pump
Output PLL PDF and charge pump current control[7:0]
(3.5 μA granularity, ~900 μA full scale)
0x80
0x0B
Output PLL
PFD and
charge
pump
Enable SPI
control of
charge
pump
current
Enable SPI
control of
antiback-
lash
period
CP mode[1:0]
Enable CP
mode
control
PFD
feedback
input edge
control
PFD
reference
input edge
control
Force VCO
to midpoint
frequency
0x30
0x0C
Output PLL
PFD and
charge
pump
Unused
CP offset
current
polarity
CP offset current[1:0]
Enable CP
offset
current
control
Reserved/
enable PFD
up divide-
by-2
Reserved/
enable PFD
down divide-
by-2
Reserved/
enable
feedback
divide-by-2
0x00
0x0D
Output PLL
PFD and
charge
pump
Antibacklash
control[1:0]
Unused
Unused
Unused
Unused
Unused
Output PLL
lock
detector
power-
down
0x00
0x0E
VCO
control
Calibrate
VCO (aclr)
Enable
automatic
level
control
Automatic level control threshold[2:0]
Enable SPI
control of
VCO
calibration
Boost VCO
supply
Enable SPI
control of
VCO band
setting
0x70
0x0F
VCO
control
VCO level control[5:0]
Unused
Unused
0x80
0x10
VCO
control
VCO band control[6:0]
Unused
0x80
0x11
Output PLL
control
N[7:0] (output SDM integer part)
0x00
0x12
Output PLL
control
MOD[19:12] (output SDM modulus)
0x80
0x13
Output PLL
control
MOD[11:4] (output SDM modulus)
0x00
0x14
Output PLL
control
MOD[3:0] (output SDM modulus)
Enable SPI
control of
output
frequency
Bypass
output SDM
Disable
output SDM
Reset
output PLL
0x00
0x15
Output PLL
control
FRAC[19:12] (output SDM fractional part)
0x20
0x16
Output PLL
control
FRAC[11:4] (output SDM fractional part)
0x00
0x17
Output PLL
control
FRAC[3:0] (output SDM fractional part)
Enable
OUTPUT
PLL LOCKED
pin as test
port
Test mux control[1:0]
P1 divider[5]
0x01
0x18
Output PLL
control
P1 divider[4:0]
P0 divider[2:0]
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com