Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9551/PCBZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD9551/PCBZ
Description  Multiservice Clock Generator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9551/PCBZ Datasheet(HTML) 5 Page - Analog Devices

  AD9551/PCBZ Datasheet HTML 1Page - Analog Devices AD9551/PCBZ Datasheet HTML 2Page - Analog Devices AD9551/PCBZ Datasheet HTML 3Page - Analog Devices AD9551/PCBZ Datasheet HTML 4Page - Analog Devices AD9551/PCBZ Datasheet HTML 5Page - Analog Devices AD9551/PCBZ Datasheet HTML 6Page - Analog Devices AD9551/PCBZ Datasheet HTML 7Page - Analog Devices AD9551/PCBZ Datasheet HTML 8Page - Analog Devices AD9551/PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
AD9551
Rev. B | Page 5 of 40
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Duty Cycle
45
55
%
At maximum output frequency
Rise/Fall Time1 (20% to 80%)
500
745
ps
3.3 V CMOS; standard drive strength
setting; 10 pF load
1 The listed values are for the slower edge (rise or fall).
JITTER CHARACTERISTICS (180 HZ LOOP BANDWIDTH)
Table 3.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
JITTER GENERATION
12 kHz to 20 MHz
1.3
ps rms
fIN = 19.44 MHz, fOUT = 622.08 MHz
0.8
ps rms
fIN = 622.08 MHz, fOUT = 622.08 MHz
50 kHz to 80 MHz
0.5
ps rms
fIN = 19.44 MHz, fOUT = 622.08 MHz
0.6
ps rms
fIN = 622.08 MHz, fOUT = 622.08 MHz
4 MHz to 80 MHz
0.1
ps rms
fIN = 622.08 MHz, fOUT = 622.08 MHz
JITTER TRANSFER BANDWIDTH
180
Hz
See the Typical Performance
Characteristics section
JITTER TRANSFER PEAKING
0.1
dB
See the Typical Performance
Characteristics section
CRYSTAL OSCILLATOR CHARACTERISTICS
Table 4.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CRYSTAL FREQUENCY
Range
19
26
52
MHz
Tolerance
20
ppm
CRYSTAL MOTIONAL RESISTANCE
100
Ω
DCXO LOAD CAPACITANCE CONTROL
RANGE
3 to 21
pF
Requires a crystal with a 10 pF load
specification
POWER CONSUMPTION
Table 5.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
TOTAL CURRENT
169
195
mA
At maximum output frequency with both
output channels active
VDD CURRENT BY PIN
Pin 9
24
27
mA
Pin 23
78
84
mA
Pin 27
36
42
mA
Pin 34
36
42
mA
LVPECL OUTPUT DRIVER
38
mA
900 MHz with 100 Ω termination between
both pins of the output driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com