Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9551/PCBZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD9551/PCBZ
Description  Multiservice Clock Generator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9551/PCBZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9551/PCBZ Datasheet HTML 10Page - Analog Devices AD9551/PCBZ Datasheet HTML 11Page - Analog Devices AD9551/PCBZ Datasheet HTML 12Page - Analog Devices AD9551/PCBZ Datasheet HTML 13Page - Analog Devices AD9551/PCBZ Datasheet HTML 14Page - Analog Devices AD9551/PCBZ Datasheet HTML 15Page - Analog Devices AD9551/PCBZ Datasheet HTML 16Page - Analog Devices AD9551/PCBZ Datasheet HTML 17Page - Analog Devices AD9551/PCBZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
AD9551
Rev. B | Page 14 of 40
PRESET FREQUENCY RATIOS
The frequency selection pins (A[3:0], B[3:0], and Y[3:0]) allow
the user to hardwire the device for preset input and output divider
values based on the pin logic states. The A[3:0] pins control the
REFA dividers, the B[3:0] pins control the REFB dividers, and
the Y[3:0] pins control the feedback and output dividers. The
pins decode ground or open connections as Logic 0 or Logic 1,
respectively. To override the preset divider settings, use the serial
I/O port to program the desired divider values.
Table 13 lists the input divider values based on the logic state of
the frequency selection pins. The table headings are as follows:
•
A[3:0], B[3:0]. The logic state of the A[3:0] or B[3:0] pins.
•
NA, NB. The integer part of the REFA input divider (NA) or
the REFB input divider (NB).
•
MODA, MODB. The modulus of the REFA input divider
SDM (MODA) or the REFB input divider SDM (MODB).
•
FRACA, FRACB. The fractional part of the REFA input
divider SDM (FRACA) or the REFB input divider SDM
(FRACB).
•
fREFA, fREFB. The frequency of the REFA input (fREFA) or the
REFB input (fREFB).
The divider settings shown in Table 13 cause the frequency at the
reference input of the output PLL’s PFD (fIF) to operate at exactly
26 MHz when using the indicated input reference frequency,
fREFA or fREFB, assuming the use of a 26 MHz external crystal.
Table 13. Preset Input Settings
A[3:0], B[3:0]
NA, NB
MODA, MODB
FRACA, FRACB
fREFA, fREFB (MHz)1
0000
23
130,000
110,800
622.08
0001
24
130,000
−120,000
625
0010
24
154,050
−114,594
( )
33
.
627
08
.
622
237
239
≈
0011
24
130,000
45,200
()
52
.
641
08
.
622
64
66
≡
0100
24
166,400
96,400
()
53125
.
644
625
64
66
≡
0101
25
104,000
−44,625
421875
.
657
16
75
.
10518
≡
0110
25
198,016
−42,891
()
18
.
660
238
239
16
75
.
10518
≈
0111
25
154,700
41,820
()
51
.
666
08
.
622
238
255
≈
1000
25
154,050
74,970
()
33
.
669
08
.
622
237
255
≈
1001
25
182,000
93,000
()
64
.
669
625
14
15
≈
1010
25
153,400
108,120
()
255
16
.
672
08
.
622
236
≈
1011
26
197,184
67,998
() ( )
48
66
255
.
693
625
64
237
≈
×
1100
26
146,900
83,612
()
253
40
.
696
08
.
622
226 ≈
1101
27
198,016
−161,755
()
255
75
.
10518
38
.
704
238
16
≈
1110
27
197,184
−115,995
()
255
75
.
10518
35
.
707
237
16
≈
11112
19.44 MHz mode
1 Assumes the use of a 26 MHz external crystal.
2 If all four A[3:0] pins or all four B[3:0] pins are Logic 1, the 19.44 MHz mode is in effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com