Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9551/PCBZ Datasheet(PDF) 31 Page - Analog Devices

Part # AD9551/PCBZ
Description  Multiservice Clock Generator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9551/PCBZ Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9551/PCBZ Datasheet HTML 27Page - Analog Devices AD9551/PCBZ Datasheet HTML 28Page - Analog Devices AD9551/PCBZ Datasheet HTML 29Page - Analog Devices AD9551/PCBZ Datasheet HTML 30Page - Analog Devices AD9551/PCBZ Datasheet HTML 31Page - Analog Devices AD9551/PCBZ Datasheet HTML 32Page - Analog Devices AD9551/PCBZ Datasheet HTML 33Page - Analog Devices AD9551/PCBZ Datasheet HTML 34Page - Analog Devices AD9551/PCBZ Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
AD9551
Rev. B | Page 31 of 40
Addr.
(Hex)
Register
Name
(MSB)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
(LSB)
Bit 0
Default
0x2E
REFA delay
Enable SPI
control of
REFA
delay
REFA delay control[8:2]
0x40
0x2F
REFA delay
REFA delay control[1:0]
Unused
Unused
Unused
Unused
Unused
Unused
0x00
0x30
REFB delay
Enable SPI
control of
REFB
delay
REFB delay control[8:2]
0x40
0x31
REFB delay
REFB delay control[1:0]
Unused
Unused
Unused
Unused
Unused
Unused
0x00
0x32
OUT1 driver
control
OUT1
drive
strength
OUT1
power-
down
OUT1 mode control[2:0]
OUT1 CMOS polarity[1:0]
Enable SPI
control of
OUT1 driver
control
0xA8
0x33
Input PLL
control
Loop filter
sample
rate
control
Select 2×
frequency
divider
Select crystal
frequency[1:0]
Unused
Unused
Unused
Unused
0x00
0x34
OUT2 driver
control
OUT2
drive
strength
OUT2
power-
down
OUT2 mode control[2:0]
OUT2 CMOS polarity[1:0]
Enable SPI
control of
OUT2 driver
control
0xA8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com