Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9551/PCBZ Datasheet(PDF) 35 Page - Analog Devices

Part # AD9551/PCBZ
Description  Multiservice Clock Generator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9551/PCBZ Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9551/PCBZ Datasheet HTML 31Page - Analog Devices AD9551/PCBZ Datasheet HTML 32Page - Analog Devices AD9551/PCBZ Datasheet HTML 33Page - Analog Devices AD9551/PCBZ Datasheet HTML 34Page - Analog Devices AD9551/PCBZ Datasheet HTML 35Page - Analog Devices AD9551/PCBZ Datasheet HTML 36Page - Analog Devices AD9551/PCBZ Datasheet HTML 37Page - Analog Devices AD9551/PCBZ Datasheet HTML 38Page - Analog Devices AD9551/PCBZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
AD9551
Rev. B | Page 35 of 40
Input Receiver and Band Gap (Register 0x1A)
Table 27.
Address
Bit
Bit Name
Description
0x1A
7
Receiver reset
Input receiver reset control. This is an autoclearing bit.
0 = normal operation (default).
1 = reset input receiver logic.
[6:2]
Band gap voltage adjust
Controls the band gap voltage setting from minimum (0 0000) to maximum (1 1111).
Default is 0 0000.
1
Enable receiver power-down
Controls the option to power down the REFA and/or REFB receiver via Register 0x26[4]
and Register 0x1E[4], respectively.
0 = option disabled (default).
1 = option enabled.
0
Enable SPI control of band gap
voltage
Enables functionality of Bits[6:2].
0 = the device automatically selects receiver band gap voltage (default).
1 = Bits[6:2] define the receiver band gap voltage.
DCXO Control (Register 0x1B to Register 0x1D)
Table 28.
Address
Bit
Bit Name
Description
0x1B
7
Disable SPI control of DCXO
tuning capacitor
Disables functionality of Bits[5:0].
0 = tuning capacitance defined by Bits[5:0].
1 = the device automatically selects DCXO tuning capacitance (default).
6
Enable SPI control of DCXO
varactor
Enables functionality of Register 0x1C and Register 0x1D[7:3].
0 = the device automatically selects DCXO varactor (default).
1 = varactor defined by Register 0x1C[7:0] and Register 0x1D[7:3].
[5:0]
DCXO tuning capacitor control
Higher binary values correspond to smaller total capacitance, resulting in a higher
operating frequency. Default is 00 0000.
0x1C
[7:0]
DCXO varactor control
Bits[12:5] of the 13-bit varactor control word.
0x1D
[7:3]
DCXO varactor control
Bits[4:0] of the 13-bit varactor control word. The default varactor control word is
0 0000 0000 0000.
2
Select 2× frequency multiplier
Select/bypass the 2× frequency multiplier.
0 = bypassed (default).
1 = selected.
1
DCXO bypass
Select/bypass the DCXO.
0 = selected (default).
1 = bypassed.
0
Unused
Unused.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com