Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9551/PCBZ Datasheet(PDF) 24 Page - Analog Devices

Part # AD9551/PCBZ
Description  Multiservice Clock Generator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9551/PCBZ Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9551/PCBZ Datasheet HTML 20Page - Analog Devices AD9551/PCBZ Datasheet HTML 21Page - Analog Devices AD9551/PCBZ Datasheet HTML 22Page - Analog Devices AD9551/PCBZ Datasheet HTML 23Page - Analog Devices AD9551/PCBZ Datasheet HTML 24Page - Analog Devices AD9551/PCBZ Datasheet HTML 25Page - Analog Devices AD9551/PCBZ Datasheet HTML 26Page - Analog Devices AD9551/PCBZ Datasheet HTML 27Page - Analog Devices AD9551/PCBZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
AD9551
Rev. B | Page 24 of 40
,
re
en in Step 4 applies here,
he constraints for NA
elationship
the previous example
lues of N, Q, and Y constitute the respective input
s
input divider. If FRACx = 0, then the input division factor is
an integer and the SDM is not required (it can be bypassed).
() (
)
The choice of MODx affects the jitter performance of the
input section in a manner similar to the feedback dividers.
However, the spectral spacing of the spurs for the input
SDMs is as follows:
As in Step 4, use long division to convert the fraction, X/Y
to an integer, N, and a proper fraction, R/Y (R and Y a
integers). The same caution giv
regarding the need to use long division rather than a
calculator or a math program.
Given the example of X = 14,867,712 and Y = 616,200,
long division yields the following: N = 24 and R/Y =
78,912/616,200, which reduces to R/Y = 3,288/25,675. The
only caveats are that N must meet t
and NB given in the Output/Input Frequency R
hat Y < 219 (524,288).
section and t
Next, use R and Y to compute the following:
Q
= 2R − Y
Using R = 3288 and Y = 25,675 from
yields
Q
= 2 × 3288 − 25,675 = −19,099
These va
divider values: Nx = 24, FRACx = −19,099, and MODx =
25,675.
In the example, FRACx is nonzero, so the division value i
an integer plus the fractional component, FRACx/MODx.
This implies that the input SDM is necessary as part of the
x
x
x
REF
x
FRAC
N
MOD
f
f
x
+
+
×
=
Δ
1
2
The input SDMs are similar to the feedback SDM in that it
is desirable to scale MODx and FRACx by the integer part of
219, divided by the value of MODx that was calculated pre-
viously in Step 5. In the example calculation, the value of
MODx is 25,675, which leads to a scale factor of 20 (the integer
part of 219/25,675). A scale factor of 20 yields the following
results: FRACx = −19,099 × 20 = −381,980 and MODx =
25,675×20 = 513,500.
However, these FRACx and MODx values are different from
those that appear in Table 13 (A[3:0] = 0010). The reason is
that a scale factor of 6 (instead of 20) was found to yield the
most acceptable overall performance. A scale factor of 6
results in the following Table 13 values: FRACx = −19,099 ×
6 = −114,594, and MODx = 25,675 × 6 = 154,050.
LOW DROPOUT (LDO) REGULATORS
The AD9551 is powered from a single 3.3 V supply and contains
on-chip LDO regulators for each function to eliminate the need
for external LDOs. To ensure optimal performance, each LDO
output should have a 0.47 μF capacitor connected between its
access pin and ground.
Note that for best performance, the LDO bypass capacitors
must be placed in close proximity to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com