Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9551/PCBZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD9551/PCBZ
Description  Multiservice Clock Generator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9551/PCBZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9551/PCBZ Datasheet HTML 7Page - Analog Devices AD9551/PCBZ Datasheet HTML 8Page - Analog Devices AD9551/PCBZ Datasheet HTML 9Page - Analog Devices AD9551/PCBZ Datasheet HTML 10Page - Analog Devices AD9551/PCBZ Datasheet HTML 11Page - Analog Devices AD9551/PCBZ Datasheet HTML 12Page - Analog Devices AD9551/PCBZ Datasheet HTML 13Page - Analog Devices AD9551/PCBZ Datasheet HTML 14Page - Analog Devices AD9551/PCBZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
AD9551
Rev. B | Page 11 of
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET FROM CARRIER (Hz)
40
TYPICAL PERFORMANCE CHARACTERISTICS
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
–180
RMS JITTER:
0.827ps (12kHz TO 20MHz)
0.618ps (50kHz TO 80MHz)
CARRIER 622.080005MHz 0.8813dBm
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
–180
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET FROM CARRIER (Hz)
RMS JITTER:
0.773ps (12kHz TO 20MHz)
0.559ps (50kHz TO 80MHz)
CARRIER 619.666689MHz 0.8705dBm
Figure 4. Phase Noise, Fractional-N
(fIN = 622.08 MHz, fOUT1 = 622.08 MHz, fXTAL = 26 MHz)
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
–180
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET FROM CARRIER (Hz)
RMS JITTER:
1.336ps (12kHz TO 20MHz)
0.463ps (50kHz TO 80MHz)
CARRIER 622.080027MHz 0.5414dBm
Figure 5. Phase Noise, 19.44 MHz Mode, Fractional-N
(fIN = 19.44 MHz, fOUT1 = 622.08 MHz, fXTAL = 52 MHz)
5
0
–5
–10
–15
–20
–25
–30
–35
–40
10
100
1k
10k
100k
FREQUENCY OFFSET (Hz)
1.0
0
0.5
–0.5
–1.0
10
100
Figure 6. Jitter Transfer (Minimal Peaking)
(Register 0x33[7] = 0)
Figure 7. Phase Noise, Integer-N
(fIN = 622.08 MHz, fOUT1 = 619.67 MHz, fXTAL = 26 MHz)
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
–180
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET FROM CARRIER (Hz)
RMS JITTER:
1.327ps (12kHz TO 20MHz)
0.438ps (50kHz TO 80MHz)
CARRIER 619.666712MHz 0.6233dBm
Figure 8. Phase Noise, 19.44 MHz Mode, Integer-N
(fIN = 19.44 MHz, fOUT1 = 619.67 MHz, fXTAL = 52 MHz)
5
0
–5
–10
–15
–20
–25
–30
–35
–40
10
100
1k
10k
100k
FREQUENCY OFFSET (Hz)
1.0
0
0.5
–0.5
–1.0
10
100
Figure 9. Jitter Transfer (Nominal Peaking)
(Register 0x33[7] = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com