Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9551/PCBZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD9551/PCBZ
Description  Multiservice Clock Generator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9551/PCBZ Datasheet(HTML) 1 Page - Analog Devices

  AD9551/PCBZ Datasheet HTML 1Page - Analog Devices AD9551/PCBZ Datasheet HTML 2Page - Analog Devices AD9551/PCBZ Datasheet HTML 3Page - Analog Devices AD9551/PCBZ Datasheet HTML 4Page - Analog Devices AD9551/PCBZ Datasheet HTML 5Page - Analog Devices AD9551/PCBZ Datasheet HTML 6Page - Analog Devices AD9551/PCBZ Datasheet HTML 7Page - Analog Devices AD9551/PCBZ Datasheet HTML 8Page - Analog Devices AD9551/PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Multiservice Clock Generator
AD9551
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksar
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
vices, Inc. All rights reserved.
ethepropertyoftheirrespectiveowners.
Fax: 781.461.3113
©2009 Analog De
FEATURES
Translation between any two standard network rates
Dual reference inputs and dual clock outputs
Pin programmable for standard network rate translation
SPI programmable for arbitrary rational rate translation
Output frequencies from 10 MHz to 900 MHz
Input frequencies from 19.44 MHz to 806 MHz
On-chip VCO
Meets OC-192 high band jitter generation requirement
Supports standard forward error correction (FEC) rates
Supports holdover operation
Supports hitless switchover and phase build-out (even with
unequal reference frequencies)
SPI-compatible 3-wire programming interface
Single supply (3.3 V)
APPLICATIONS
Multiservice switches
Multiservice routers
Exact network clock frequency translation
General-purpose frequency translation
GENERAL DESCRIPTION
The AD9551 accepts one or two reference input signals to synthe-
size one or two output signals. The AD9551 uses a fractional-N
PLL that precisely translates the reference frequency to the desired
output frequency. The input receivers and output drivers provide
both single-ended and differential operation.
Reference conditioning and switchover circuitry internally
synchronizes the two references so that if one reference fails,
there is virtually no phase perturbation at the output.
The AD9551 uses an external crystal and an internal DCXO to
provide for holdover operation. If both references fail, the device
maintains a steady output signal.
The AD9551 provides pin-selectable, preset divider values for
standard (and FEC adjusted) network frequencies. The pin-
selectable frequencies include any combination of 15 possible
input frequencies and 16 possible output frequencies. A SPI
interface provides further flexibility by making it possible to
program almost any rational input/output frequency ratio.
The AD9551 is a clock generator that employs fractional-N-based
phase-locked loops (PLL) using sigma-delta (Σ-Δ) modulators
(SDMs). The fractional frequency synthesis capability enables
the device to meet the frequency and feature requirements for
multiservice switch applications. The AD9551 precisely generates
a wide range of standard frequencies when using any one of those
same standard frequencies as a timing base (reference). The
primary challenge of this function is the precise generation of the
desired output frequency because even a slight output frequency
error can cause problems for downstream clocking circuits in
the form of bit or cycle slips. The requirement for exact frequency
translation in such applications necessitates the use of a frac-
tional-N-based PLL architecture with variable modulus.
BASIC BLOCK DIAGRAM
REFERENCE
CONDITIONING
AND SWITCH-
OVER
HOLDOVER
LOOP
PLL
OUTPUT
CIRCUITRY
PIN-DEFINED AND SERIAL
PROGRAMMING
REFA
CRYSTAL
(26MHz)
REFB
OUT1
OUT2
AD9551
Figure 1.


Similar Part No. - AD9551/PCBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9550 AD-AD9550 Datasheet
406Kb / 20P
Integer-N Clock Translator for Wireline Communications
REV. 0
AD9550/PCBZ AD-AD9550/PCBZ Datasheet
406Kb / 20P
Integer-N Clock Translator for Wireline Communications
REV. 0
AD9550BCPZ AD-AD9550BCPZ Datasheet
406Kb / 20P
Integer-N Clock Translator for Wireline Communications
REV. 0
AD9550BCPZ-REEL7 AD-AD9550BCPZ-REEL7 Datasheet
406Kb / 20P
Integer-N Clock Translator for Wireline Communications
REV. 0
AD9552 AD-AD9552 Datasheet
494Kb / 32P
Oscillator Frequency Upconverter
Rev. C
More results

Similar Description - AD9551/PCBZ

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FW4560 FUJI-FW4560 Datasheet
308Kb / 2P
Multiservice Provisioning Platform
logo
Intel Corporation
P4201A INTEL-P4201A Datasheet
25Kb / 1P
CLOCK GENERATOR
logo
Rohm
BU2280FV ROHM-BU2280FV Datasheet
272Kb / 6P
Clock Generator
BU2360FV ROHM-BU2360FV Datasheet
270Kb / 6P
Clock Generator
BU2394KN ROHM-BU2394KN Datasheet
278Kb / 6P
Clock Generator
logo
Winbond
W83195BR-118 WINBOND-W83195BR-118 Datasheet
361Kb / 28P
Clock Generator
logo
ON Semiconductor
NB3N51044 ONSEMI-NB3N51044 Datasheet
135Kb / 13P
Clock Generator
July, 2014 ??Rev. 1
logo
Xilinx, Inc
DS614 XILINX-DS614 Datasheet
289Kb / 9P
Clock Generator
logo
Integrated Device Techn...
5L35023 IDT-5L35023 Datasheet
547Kb / 38P
Clock Generator
logo
Analog Devices
AD9557 AD-AD9557_16 Datasheet
1Mb / 95P
Dual Input Multiservice Line Card Adaptive Clock Translator
9/2016-Rev. B to Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com