Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9551/PCBZ Datasheet(PDF) 36 Page - Analog Devices

Part # AD9551/PCBZ
Description  Multiservice Clock Generator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9551/PCBZ Datasheet(HTML) 36 Page - Analog Devices

Back Button AD9551/PCBZ Datasheet HTML 32Page - Analog Devices AD9551/PCBZ Datasheet HTML 33Page - Analog Devices AD9551/PCBZ Datasheet HTML 34Page - Analog Devices AD9551/PCBZ Datasheet HTML 35Page - Analog Devices AD9551/PCBZ Datasheet HTML 36Page - Analog Devices AD9551/PCBZ Datasheet HTML 37Page - Analog Devices AD9551/PCBZ Datasheet HTML 38Page - Analog Devices AD9551/PCBZ Datasheet HTML 39Page - Analog Devices AD9551/PCBZ Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
AD9551
Rev. B | Page 36 of 40
REFA Frequency Control (Register 0x1E to Register 0x25)
Table 29.
Address
Bit
Bit Name
Description
0x1E
7
Enable SPI control of
REFA SDM
Controls REFA frequency division functionality.
0 = REFA frequency division, as defined by the A[3:0] pins (default).
1 = contents of Register 0x1F to Register 0x25 define REFA frequency division via NA,
MODA, and FRACA.
6
Bypass REFA SDM
Controls bypassing of the REFA SDM.
0 = allow integer-plus-fractional division (default).
1 = allow only integer division.
5
Enable REFA SDM
Controls REFA SDM enable and hold functionality.
0 = reset REFA SDM and stop its clocks.
1 = REFA SDM enabled (default).
4
Enable REFB
Controls REFB enable and power-down functionality.
0 = power down REFB input receiver (ineffective unless Register 0x1A[1] = 1).
1 = normal operation (default).
3
Unused
Unused.
2
Disable REF SDM PRBS
Controls the PRBS generator for both the REFA and REFB SDMs.
0 = PRBS generator enabled (default).
1 = PRBS generator disabled.
[1:0]
Select 19.44 MHz input
mode divider
Selects the divider value when the 19.44 MHz input mode is in effect.
00 = 1 (default).
01 = 1.
10 = 2.
11 = 4.
These bits are ineffective unless the A[3:0] pins = 1111 or the B[3:0] pins = 1111.
0x1F
[7:0]
FRACA
Bits[19:12] of the 20-bit fractional part of the REFA SDM.
0x20
[7:0]
FRACA
Bits[11:4] of the 20-bit fractional part of the REFA SDM.
0x21
[7:4]
FRACA
Bits[3:0] of the 20-bit fractional part of the REFA SDM.
Default is FRACA = 0100 0000 0000 0000 0000 (262,144).
Note that FRACA assumes twos complement format.
[3:0]
Unused
Unused.
0x22
[7:2]
NA
6-bit integer divide value for the REFA SDM. Default divide value is 16.
[1:0]
Unused
Unused.
0x23
7
Unused
This bit must be programmed to 0, even though the default value is 1.
[6:0]
MODA
Bits[18:12] of the 19-bit modulus of the REFA SDM.
0x24
[7:0]
MODA
Bits[11:4] of the 19-bit modulus of the REFA SDM.
0x25
[7:4]
MODA
Bits[3:0] of the 19-bit modulus of the REFA SDM.
Default is MODA = 000 0000 0000 0000 0000.
[3:0]
Unused
Unused.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com