Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9551/PCBZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD9551/PCBZ
Description  Multiservice Clock Generator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9551/PCBZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9551/PCBZ Datasheet HTML 5Page - Analog Devices AD9551/PCBZ Datasheet HTML 6Page - Analog Devices AD9551/PCBZ Datasheet HTML 7Page - Analog Devices AD9551/PCBZ Datasheet HTML 8Page - Analog Devices AD9551/PCBZ Datasheet HTML 9Page - Analog Devices AD9551/PCBZ Datasheet HTML 10Page - Analog Devices AD9551/PCBZ Datasheet HTML 11Page - Analog Devices AD9551/PCBZ Datasheet HTML 12Page - Analog Devices AD9551/PCBZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
AD9551
Rev. B | Page 9 of 40
NOTES
1. EXPOSED DIE PAD MUST BE CONNECTED TO GND.
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
B2
2
B3
3
4
REFA
5
REFB
6
7
RESET
8
LDO_IPDIG
9
VDD
10
LDO_XTAL
23 VDD
24 LDO_1.8
25 INPUT PLL LOCKED
26 OUTPUT PLL LOCKED
27 VDD
28 OUT2
29 OUT2
30 GND
22 LDO_VCO
21 Y0
TOP VIEW
(Not to Scale)
AD9551
PIN 1
INDICATOR
REFA
REFB
Figure 3. Pin Configuration
Table 12. Pin Function Descriptions
Pin
No.
Mnemonic
Type1
Description
9, 23,
27, 34
VDD
P
Power Supply Connection (3.3 V Analog Supply).
30, 31
GND
P
Analog Ground.
4
REFA
I
Analog Input (Active High)—Reference Clock Input A.
3
REFA
I
Analog Input (Active High)—Complementary Reference Clock Input A.
5
REFB
I
Analog Input (Active High)—Reference Clock Input B.
6
REFB
I
Analog Input (Active High)—Complementary Reference Clock Input B.
13
CS
I
Digital Input Chip Select (Active Low).
14
SCLK
I
Serial Data Clock.
15
SDIO
I/O
Digital Serial Data Input/Output.
7
RESET
I
Digital Input (Active High). Resets internal logic to default states. This pin has an internal 100 kΩ
pull-up resistor, so the default state of the device is reset.
11
XTL0
I
Pin for Connecting an External Crystal (20 MHz to 30 MHz).
12
XTL1
I
Pin for Connecting an External Crystal (20 MHz to 30 MHz).
33
OUT1
O
Square Wave Clocking Output 1.
32
OUT1
O
Complementary Square Wave Clocking Output 1.
29
OUT2
O
Square Wave Clocking Output 2.
28
OUT2
O
Complementary Square Wave Clocking Output 2.
17
LF
I/O
Loop Filter Node for the Output PLL. Connect an external 12 nF capacitor (100 nF in 19.44 MHz
mode) from this pin to Pin 22 ( LDO_VCO).
26
OUTPUT PLL LOCKED
O
Active High Locked Status Indicator for the Output PLL.
25
INPUT PLL LOCKED
O
Active High Locked Status Indicator for the Input PLL.
16
OUTSEL
I
Logic 0 selects LVDS, and Logic 1 selects LVPECL-compatible levels for both OUT1 and OUT2
when the outputs are not under SPI port control. Can be overridden via the programming registers.
8
LDO_IPDIG
P/O
LDO Decoupling Pin. Connect a 0.47 μF decoupling capacitor from this pin to ground.
10
LDO_XTAL
P/O
LDO Decoupling Pin. Connect a 0.47 μF decoupling capacitor from this pin to ground.
22
LDO_VCO
P/O
LDO Decoupling Pin. Connect a 0.47 μF decoupling capacitor from this pin to ground.
24
LDO_1.8
P/O
LDO Decoupling Pin. Connect a 0.47 μF decoupling capacitor from this pin to ground.
35
A0
I
Control Pin. Selects preset values for the REFA dividers.
36
A1
I
Control Pin. Selects preset values for the REFA dividers.
37
A2
I
Control Pin. Selects preset values for the REFA dividers.
38
A3
I
Control Pin. Selects preset values for the REFA dividers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com