Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9551/PCBZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD9551/PCBZ
Description  Multiservice Clock Generator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9551/PCBZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9551/PCBZ Datasheet HTML 2Page - Analog Devices AD9551/PCBZ Datasheet HTML 3Page - Analog Devices AD9551/PCBZ Datasheet HTML 4Page - Analog Devices AD9551/PCBZ Datasheet HTML 5Page - Analog Devices AD9551/PCBZ Datasheet HTML 6Page - Analog Devices AD9551/PCBZ Datasheet HTML 7Page - Analog Devices AD9551/PCBZ Datasheet HTML 8Page - Analog Devices AD9551/PCBZ Datasheet HTML 9Page - Analog Devices AD9551/PCBZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
AD9551
Rev. B | Page 6 of 40
LOGIC INPUT PINS
Table 6.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
INPUT CHARACTERISTICS1
Logic 1 Voltage, VIH
1.0
V
For the CMOS inputs, a static Logic 1 results
from either a pull-up resistor or no connection
Logic 0 Voltage, VIL
0.8
V
Logic 1 Current, IIH
3
μA
Logic 0 Current, IIL
17
μA
1 The A[3:0], B[3:0], Y[3:0], and OUTSEL pins have 100 kΩ internal pull-up resistors.
RESET PIN
Table 7.
Parameter
Min
Typ
Max
Unit
INPUT CHARACTERISTICS1
Input Voltage High, VIH
1.8
V
Input Voltage Low, VIL
1.3
V
Input Current High, IINH
0.3
12.5
μA
Input Current Low, IINL
31
43
μA
MINIMUM PULSE WIDTH HIGH
2
ns
1 The RESET pin has a 100 kΩ internal pull-up resistor, so the default state of the device is reset.
LOGIC OUTPUT PINS
Table 8.
Parameter
Min
Typ
Max
Unit
OUTPUT CHARACTERISTICS
Output Voltage High, VOH
2.7
V
Output Voltage Low, VOL
0.4
V
SERIAL CONTROL PORT
Table 9.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CS
Input Logic 1 Voltage
1.6
V
Input Logic 0 Voltage
0.5
V
Input Logic 1 Current
0.03
μA
Input Logic 0 Current
2
μA
Input Capacitance
2
pF
SCLK
Input Logic 1 Voltage
1.6
V
Input Logic 0 Voltage
0.5
V
Input Logic 1 Current
2
μA
Input Logic 0 Current
0.03
μA
Input Capacitance
2
pF
SDIO
Input
Input Logic 1 Voltage
1.6
V
Input Logic 0 Voltage
0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com