Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9551/PCBZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD9551/PCBZ
Description  Multiservice Clock Generator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9551/PCBZ Datasheet(HTML) 4 Page - Analog Devices

  AD9551/PCBZ Datasheet HTML 1Page - Analog Devices AD9551/PCBZ Datasheet HTML 2Page - Analog Devices AD9551/PCBZ Datasheet HTML 3Page - Analog Devices AD9551/PCBZ Datasheet HTML 4Page - Analog Devices AD9551/PCBZ Datasheet HTML 5Page - Analog Devices AD9551/PCBZ Datasheet HTML 6Page - Analog Devices AD9551/PCBZ Datasheet HTML 7Page - Analog Devices AD9551/PCBZ Datasheet HTML 8Page - Analog Devices AD9551/PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
AD9551
Rev. B | Page 4 of 40
SPECIFICATIONS
Minimum and maximum values apply for full range of supply voltage and operating temperature variation. Typical values apply for VDD = 3.3 V,
TA = 25°C, unless otherwise noted.
REFERENCE CLOCK INPUT CHARACTERISTICS
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
191
806
MHz
INPUT CAPACITANCE
3
pF
INPUT RESISTANCE
6
kΩ
Measured single-ended
DUTY CYCLE
40
60
%
REFERENCE CLOCK INPUT VOLTAGE SWING
Measured with a differential probe across
the input pins
Differential
250
mV
Maximum magnitude across pin pair
Single-Ended
250
mV
Peak-to-peak
1 The 19 MHz lower limit applies only to the 19.44 MHz operating mode.
OUTPUT CHARACTERISTICS
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVPECL MODE
Differential Output Voltage Swing
690
765
889
mV
Output driver static
Common-Mode Output Voltage
VDD − 1.77
VDD − 1.66
VDD − 1.20
V
Output driver static
Frequency Range
0
900
MHz
Duty Cycle
40
60
%
Up to 805 MHz output frequency
Rise/Fall Time1 (20% to 80%)
255
305
ps
100 Ω termination between both pins of
the output driver
LVDS MODE
Differential Output Voltage Swing
Balanced, VOD
247
454
mV
Voltage swing between output pins;
output driver static
Unbalanced, ΔVOD
25
mV
Absolute difference between voltage
swing of normal pin and inverted pin;
output driver static
Offset Voltage
Common Mode, VOS
1.125
1.375
V
Output driver static
Common-Mode Difference, ΔVOS
25
mV
Voltage difference between output pins;
output driver static
Short-Circuit Output Current
17
24
mA
Frequency Range
0
900
MHz
Duty Cycle
40
60
%
Up to 805 MHz output frequency
Rise/Fall Time1 (20% to 80%)
285
355
ps
100 Ω termination between both pins of
the output driver
CMOS MODE
Output Voltage High, VOH
Output driver static; standard drive
strength setting
IOH = 10 mA
2.8
V
IOH = 1 mA
2.8
V
Output Voltage Low, VOL
Output driver static; standard drive
strength setting
IOL = 10 mA
0.5
V
IOL = 1 mA
0.3
V
Frequency Range
0
200
MHz
3.3 V CMOS; standard drive strength
setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com