Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9551/PCBZ Datasheet(PDF) 32 Page - Analog Devices

Part # AD9551/PCBZ
Description  Multiservice Clock Generator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9551/PCBZ Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9551/PCBZ Datasheet HTML 28Page - Analog Devices AD9551/PCBZ Datasheet HTML 29Page - Analog Devices AD9551/PCBZ Datasheet HTML 30Page - Analog Devices AD9551/PCBZ Datasheet HTML 31Page - Analog Devices AD9551/PCBZ Datasheet HTML 32Page - Analog Devices AD9551/PCBZ Datasheet HTML 33Page - Analog Devices AD9551/PCBZ Datasheet HTML 34Page - Analog Devices AD9551/PCBZ Datasheet HTML 35Page - Analog Devices AD9551/PCBZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
AD9551
Rev. B | Page 32 of 40
REGISTER MAP DESCRIPTIONS
Control bit functions are active high, and register address values are always hexadecimal, unless otherwise noted.
Serial Port Control (Register 0x00 to Register 0x05)
Table 23.
Address
Bit
Bit Name
Description
0x00
7
Unused
Forced to Logic 0 internally, which enables 3-wire mode only.
6
LSB first
Bit order for SPI port.
0 = most significant bit and byte first (default).
1 = least significant bit and byte first.
5
Soft reset
Software initiated reset (register values set to default). This is an autoclearing bit.
4
Unused
Forced to Logic 1 internally, which enables 16-bit mode (the only mode supported by
the device).
[3:0]
Unused
Mirrored version of the contents of Register 0x00[7:4] (that is, Bits[3:0] = Bits[7:4]).
0x04
[7:1]
Unused
Unused.
0
Readback control
For buffered registers, serial port readback reads from actual (active) registers instead of
from the buffer.
0 = reads values currently applied to the internal logic of the device (default).
1 = reads buffered values that take effect on next assertion of I/O update.
0x05
[7:1]
Unused
Unused.
0
I/O update
Writing a 1 to this bit transfers the data in the serial I/O buffer registers to the internal
control registers of the device. This is an autoclearing bit.
Output PLL PFD and Charge Pump Control (Register 0x0A to Register 0x0D)
Table 24.
Address
Bit
Bit Name
Description
0x0A
[7:0]
Output PLL PFD and charge
pump current control
These bits set the magnitude of the output PLL charge pump current. The granularity
is ~3.5 μA with a full-scale magnitude of ~900 μA. Register 0x0A is ineffective unless
Register 0x0B[7] = 1. Default is 0x80, or ~448 μA.
0x0B
7
Enable SPI control of charge
pump current
Controls functionality of Register 0x0A.
0 = the device automatically controls the charge pump current (default).
1 = charge pump current defined by Register 0x0A.
6
Enable SPI control of
antibacklash period
Controls functionality of Register 0x0D[7:6].
0 = the device automatically controls the antibacklash period (default).
1 = antibacklash period defined by Register 0x0D[7:6].
[5:4]
CP mode
Controls the mode of the output PLL charge pump.
00 = tristate.
01 = pump up.
10 = pump down.
11 = normal (default).
3
Enable CP mode control
Controls functionality Bits[5:4] (CP mode).
0 = the device automatically controls the charge pump mode (default).
1 = charge pump mode is defined by Bits[5:4].
2
PFD feedback input edge control
Selects the polarity of the active edge of the output PLL’s feedback input.
0 = positive edge (default).
1 = negative edge.
1
PFD reference input edge control
Selects the polarity of the active edge of the output PLL’s reference input.
0 = positive edge (default).
1 = negative edge.
0
Force VCO to midpoint frequency
Selects VCO control voltage functionality.
0 = normal VCO operation (default).
1 = force VCO control voltage to midscale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com