Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9551/PCBZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD9551/PCBZ
Description  Multiservice Clock Generator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9551/PCBZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9551/PCBZ Datasheet HTML 8Page - Analog Devices AD9551/PCBZ Datasheet HTML 9Page - Analog Devices AD9551/PCBZ Datasheet HTML 10Page - Analog Devices AD9551/PCBZ Datasheet HTML 11Page - Analog Devices AD9551/PCBZ Datasheet HTML 12Page - Analog Devices AD9551/PCBZ Datasheet HTML 13Page - Analog Devices AD9551/PCBZ Datasheet HTML 14Page - Analog Devices AD9551/PCBZ Datasheet HTML 15Page - Analog Devices AD9551/PCBZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
AD9551
Rev. B | Page 12 of 40
5
35
30
25
20
15
10
100
1k
FREQUENCY (MHz)
LVPECL
LVDS (WEAK)
25
20
15
10
5
0
0
50
100
150
200
250
FREQUENCY (MHz)
LVDS (STRONG)
Figure 10. Supply Current vs. Output Frequency— LVPECL and LVDS
(10 pF Load)
1.6
LVPECL
1.4
1.2
1.0
0.8
0.6
0.4
0
200
400
600
800
1000
FREQUENCY (MHz)
LVDS (STRONG)
LVDS (WEAK)
Figure 11. Peak-to-Peak Output Voltage vs. Frequency—LVPECL and LVDS
(10 pF Load)
60
55
50
100
200
300
400
500
600
700
800
900
1000
FREQUENCY (MHz)
LVDS (WEAK)
LVDS (STRONG)
LVPECL
Figure 12. Duty Cycle vs. Output Frequency—LVPECL and LVDS
(10 pF Load)
Figure 13 Supply Current vs. Output Frequency—CMOS
(10 pF Load)
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
100
200
300
400
500
FREQUENCY (MHz)
5pF
10pF
20pF
Figure 14. Peak-to-Peak Output Voltage vs. Frequency—CMOS
55
54
53
52
51
50
0
100
200
300
5pF
10pF
20pF
FREQUENCY (MHz)
Figure 15. Duty Cycle vs. Output Frequency—CMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com