Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9551/PCBZ Datasheet(PDF) 34 Page - Analog Devices

Part # AD9551/PCBZ
Description  Multiservice Clock Generator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9551/PCBZ Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9551/PCBZ Datasheet HTML 30Page - Analog Devices AD9551/PCBZ Datasheet HTML 31Page - Analog Devices AD9551/PCBZ Datasheet HTML 32Page - Analog Devices AD9551/PCBZ Datasheet HTML 33Page - Analog Devices AD9551/PCBZ Datasheet HTML 34Page - Analog Devices AD9551/PCBZ Datasheet HTML 35Page - Analog Devices AD9551/PCBZ Datasheet HTML 36Page - Analog Devices AD9551/PCBZ Datasheet HTML 37Page - Analog Devices AD9551/PCBZ Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
AD9551
Rev. B | Page 34 of 40
Output PLL Control (Register 0x11 to Register 0x19)
Table 26.
Address
Bit
Bit Name
Description
0x11
[7:0]
N
8-bit integer divide value for the output SDM. Default is 0x00.
Note that operational limitations impose a lower boundary of 64 (0x40) on N.
0x12
[7:0]
MOD
Bits[19:12] of the 20-bit modulus of the output SDM.
0x13
[7:0]
MOD
Bits[11:4] of the 20-bit modulus of the output SDM.
0x14
[7:4]
MOD
Bits[3:0] of the 20-bit modulus of the output SDM.
Default is MOD = 1000 0000 0000 0000 0000 (524,288).
3
Enable SPI control of
output frequency
Controls output frequency functionality.
0 = output frequency defined by the Y[3:0] pins (default).
1 = contents of Register 0x11 to Register 0x17 define output frequency via N, MOD, and FRAC.
2
Bypass output SDM
Controls bypassing of the output SDM.
0 = allow integer-plus-fractional division (default).
1 = allow only integer division.
1
Disable output SDM
Controls the output SDM internal clocks.
0 = normal operation (SDM clocks active) (default).
1 = SDM disabled (SDM clocks stopped).
0
Reset output PLL
Controls initialization of the output PLL.
0 = normal operation (default).
1 = resets the counters and logic associated with the output PLL but does not affect the
output dividers.
0x15
[7:0]
FRAC
Bits[19:12] of the 20-bit fractional part of the output SDM.
0x16
[7:0]
FRAC
Bits[11:4] of the 20-bit fractional part of the output SDM.
0x17
[7:4]
FRAC
Bits[3:0] of the 20-bit fractional part of the output SDM.
Default is FRAC = 0010 0000 0000 0000 0000 (131,072).
3
Enable OUTPUT PLL
LOCKED pin as test port
Controls functionality of the OUTPUT PLL LOCKED pin (Pin 26).
0 = OUTPUT PLL LOCKED pin indicates status of PLL lock detector (default).
1 = OUTPUT PLL LOCKED pin indicates the signal defined by Bits[2:1].
[2:1]
Test mux control
Selects test mux output.
00 = front end test clock (default).
01 = PFD up divide-by-2.
10 = PFD down divide-by-2.
11 = PLL feedback divide-by-2.
These bits are ineffective unless Bit 3 = 1.
0
P1 divider
Bit 5 of the 6-bit P1 divider for OUT1.
0x18
[7:3]
P1 divider
Bits[4:0] of the 6-bit P1 divider for OUT1 (1 ≤ P1 ≤ 63). Do not set these bits to 000000. Default is
P1 = 100000 (32). The P1 bits are ineffective unless Register 0x19[7] = 1.
[2:0]
P0 divider
Bits[2:0] of the 3-bit P0 divider for OUT1. The P0 divide value is as follows:
000 = 4 (default).
001 = 5.
010 = 6.
011 = 7.
100 = 8.
101 = 9.
110 = 10.
111 = 11.
The P0 bits are ineffective unless Register 0x19[7] = 1.
0x19
7
Enable SPI control of
OUT1 dividers
Controls functionality of OUT1 dividers.
0 = OUT1 dividers defined by the Y[3:0] pins (default).
1 = contents of Register 0x17 and Register 0x18 define OUT1 dividers (P0 and P1).
6
Enable SPI control of
OUT2 divider
Controls functionality of OUT2 divider.
0 = OUT2 divider defined by the Y[3:0] pins (P2 = 1) (default).
1 = contents of Bits[5:0] define P2.
[5:0]
P2 divider
Bits[5:0] of the 6-bit P2 divider for OUT2 (1 ≤ P2 ≤ 63). Do not set these bits to 000000. Default is
P2 = 100000 (32). The P2 bits are ineffective unless Register 0x19[6] = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com