Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9551/PCBZ Datasheet(PDF) 37 Page - Analog Devices

Part # AD9551/PCBZ
Description  Multiservice Clock Generator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9551/PCBZ Datasheet(HTML) 37 Page - Analog Devices

Back Button AD9551/PCBZ Datasheet HTML 32Page - Analog Devices AD9551/PCBZ Datasheet HTML 33Page - Analog Devices AD9551/PCBZ Datasheet HTML 34Page - Analog Devices AD9551/PCBZ Datasheet HTML 35Page - Analog Devices AD9551/PCBZ Datasheet HTML 36Page - Analog Devices AD9551/PCBZ Datasheet HTML 37Page - Analog Devices AD9551/PCBZ Datasheet HTML 38Page - Analog Devices AD9551/PCBZ Datasheet HTML 39Page - Analog Devices AD9551/PCBZ Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
AD9551
Rev. B | Page 37 of 40
REFB Frequency Control (Register 0x26 to Register 0x2D)
Table 30.
Address
Bit
Bit Name
Description
0x26
7
Enable SPI control of
REFB SDM
Controls REFB frequency division functionality.
0 = REFB frequency division defined by the B[3:0] pins (default).
1 = contents of Register 0x27 to Register 0x2D define REFB frequency division via NB,
MODB, and FRACB.
6
Bypass REFB SDM
Controls bypassing of the REFB SDM.
0 = allow integer-plus-fractional division (default).
1 = allow integer division only.
5
Enable REFB SDM
Controls REFB SDM enable and hold functionality.
0 = reset REFB SDM and stop its clocks.
1 = REFB SDM enabled (default).
4
Enable REFA
Controls REFA enable and power-down functionality.
0 = power down REFA input receiver (ineffective unless Register 0x1A[1] = 1).
1 = normal operation (default).
[3:0]
Unused
Unused.
0x27
[7:0]
FRACB
Bits[19:12] of the 20-bit fractional part of the REFB SDM.
0x28
[7:0]
FRACB
Bits[11:4] of the 20-bit fractional part of the REFB SDM.
0x29
[7:4]
FRACB
Bits[3:0] of the 20-bit fractional part of the REFB SDM.
Default is FRACB = 0100 0000 0000 0000 0000 (262,144).
Note that FRACB assumes twos complement format.
[3:0]
Unused
Unused.
0x2A
[7:2]
NB
6-bit integer divide value for the REFB SDM. Default divide value is 8.
[1:0]
Unused
Unused.
0x2B
7
Unused
This bit must be programmed to 0, even though the default value is 1.
[6:0]
MODB
Bits[18:12] of the 19-bit modulus of the REFB SDM.
0x2C
[7:0]
MODB
Bits[11:4] of the 19-bit modulus of the REFB SDM.
0x2D
[7:4]
MODB
Bits[3:0] of the 19-bit modulus of the REFB SDM.
Default is MODB = 000 0000 0000 0000 0000.
[3:0]
Unused
Unused.
REFA Delay Control (Register 0x2E and Register 0x2F)
Table 31.
Address
Bit
Bit Name
Description
0x2E
7
Enable SPI control of REFA
delay
Controls REFA delay functionality.
0 = the device automatically selects REFA delay (default).
1 = REFA delay defined by Register 0x2E[6:0] and Register 0x2F[7:6].
[6:0]
REFA delay control
Bits[8:2] of the 9-bit REFA delay word.
0x2F
[7:6]
REFA delay control
Bits[1:0] of the 9-bit REFA delay word.
Default is 1 0000 0000. Delay granularity is ~150 ps.
[5:0]
Unused
Unused.
REFB Delay Control (Register 0x30 and Register 0x31)
Table 32.
Address
Bit
Bit Name
Description
0x30
7
Enable SPI control of REFB
delay
Controls REFB delay functionality:
0 = the device automatically selects REFB delay (default).
1 = REFB delay defined by Register 0x30[6:0] and Register 0x31[7:6].
[6:0]
REFB delay control
Bits[8:2] of the 9-bit REFB delay word.
0x31
[7:6]
REFB delay control
Bits[1:0] of the 9-bit REFB delay word.
Default is 1 0000 0000. Delay granularity is ~150 ps.
[5:0]
Unused
Unused.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com