Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/56D Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # M16C/56D
Description  RENESAS MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/56D Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button M16C/56D Datasheet HTML 30Page - Renesas Technology Corp M16C/56D Datasheet HTML 31Page - Renesas Technology Corp M16C/56D Datasheet HTML 32Page - Renesas Technology Corp M16C/56D Datasheet HTML 33Page - Renesas Technology Corp M16C/56D Datasheet HTML 34Page - Renesas Technology Corp M16C/56D Datasheet HTML 35Page - Renesas Technology Corp M16C/56D Datasheet HTML 36Page - Renesas Technology Corp M16C/56D Datasheet HTML 37Page - Renesas Technology Corp M16C/56D Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 85 page
background image
REJ03B0307-0110 Rev.1.10 Dec 01, 2009
Page 34 of 83
M16C/5LD Group, M16C/56D Group
4. Special Function Registers (SFRs)
Table 4.12
SFR List (12)
Address
Register
Symbol
Reset Value
0280h
0281h
0282h
0283h
0284h
0285h
0286h
0287h
0288h
0289h
028Ah
028Bh
028Ch
028Dh
028Eh
028Fh
0290h
0291h
0292h
0293h
0294h
0295h
0296h
0297h
0298h
UART4 Transmit/Receive Mode Register
U4MR
00h
0299h
UART4 Bit Rate Register
U4BRG
XXh
029Ah
UART4 Transmit Buffer Register
U4TB
XXh
029Bh
XXh
029Ch
UART4 Transmit/Receive Control Register 0
U4C0
0000 1000b
029Dh
UART4 Transmit/Receive Control Register 1
U4C1
0000 0010b
029Eh
UART4 Receive Buffer Register
U4RB
XXh
029Fh
XXh
02A0h
02A1h
02A2h
02A3h
02A4h
02A5h
02A6h
02A7h
02A8h
UART3 Transmit/Receive Mode Register
U3MR
00h
02A9h
UART3 Bit Rate Register
U3BRG
XXh
02AAh
UART3 Transmit Buffer Register
U3TB
XXh
02ABh
XXh
02ACh
UART3 Transmit/Receive Control Register 0
U3C0
0000 1000b
02ADh
UART3 Transmit/Receive Control Register 1
U3C1
0000 0010b
02AEh
UART3 Receive Buffer Register
U3RB
XXh
02AFh
XXh
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com