Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/56D Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # M16C/56D
Description  RENESAS MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/56D Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button M16C/56D Datasheet HTML 52Page - Renesas Technology Corp M16C/56D Datasheet HTML 53Page - Renesas Technology Corp M16C/56D Datasheet HTML 54Page - Renesas Technology Corp M16C/56D Datasheet HTML 55Page - Renesas Technology Corp M16C/56D Datasheet HTML 56Page - Renesas Technology Corp M16C/56D Datasheet HTML 57Page - Renesas Technology Corp M16C/56D Datasheet HTML 58Page - Renesas Technology Corp M16C/56D Datasheet HTML 59Page - Renesas Technology Corp M16C/56D Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 85 page
background image
REJ03B0307-0110 Rev.1.10 Dec 01, 2009
Page 56 of 83
M16C/5LD Group, M16C/56D Group
4. Special Function Registers (SFRs)
Table 4.34
SFR List (34)
Address
Register
Symbol
Reset Value
D7B0h
CAN0 Message Control Register 16
C0MCTL16
00h
D7B1h
CAN0 Message Control Register 17
C0MCTL17
00h
D7B2h
CAN0 Message Control Register 18
C0MCTL18
00h
D7B3h
CAN0 Message Control Register 19
C0MCTL19
00h
D7B4h
CAN0 Message Control Register 20
C0MCTL20
00h
D7B5h
CAN0 Message Control Register 21
C0MCTL21
00h
D7B6h
CAN0 Message Control Register 22
C0MCTL22
00h
D7B7h
CAN0 Message Control Register 23
C0MCTL23
00h
D7B8h
CAN0 Message Control Register 24
C0MCTL24
00h
D7B9h
CAN0 Message Control Register 25
C0MCTL25
00h
D7BAh
CAN0 Message Control Register 26
C0MCTL26
00h
D7BBh
CAN0 Message Control Register 27
C0MCTL27
00h
D7BCh
CAN0 Message Control Register 28
C0MCTL28
00h
D7BDh
CAN0 Message Control Register 29
C0MCTL29
00h
D7BEh
CAN0 Message Control Register 30
C0MCTL30
00h
D7BFh
CAN0 Message Control Register 31
C0MCTL31
00h
D7C0h
CAN0 Control Register
C0CTLR
0000 0101b
D7C1h
00h
D7C2h
CAN0 Status Register
C0STR
0000 0101b
D7C3h
00h
D7C4h
CAN0 Bit Configuration Register
C0BCR
00h
D7C5h
00h
D7C6h
00h
D7C7h
CAN0 Clock Select Register
C0CLKR
00h
D7C8h
CAN0 Receive FIFO Control Register
C0RFCR
1000 0000b
D7C9h
CAN0 Receive FIFO Pointer Control Register
C0RFPCR
XXh
D7CAh
CAN0 Transmit FIFO Control Register
C0TFCR
1000 0000b
D7CBh
CAN0 Transmit FIFO pointer Control Register
C0TFPCR
XXh
D7CCh
CAN0 Error Interrupt Enable Register
C0EIER
00h
D7CDh
CAN0 Error Interrupt Source Judge Register
C0EIFR
00h
D7CEh
CAN0 Receive Error Count Register
C0RECR
00h
D7CFh
CAN0 Transmit Error Count Register
C0TECR
00h
D7D0h
CAN0 Error Code Store Register
C0ECSR
00h
D7D1h
CAN0 Channel Search Support Register
C0CSSR
XXh
D7D2h
CAN0 Mailbox Search Status Register
C0MSSR
1000 0000b
D7D3h
CAN0 Mailbox Search Mode Register
C0MSMR
0000 0000b
D7D4h
CAN0 Time Stamp Register
C0TSR
00h
D7D5h
00h
D7D6h
CAN0 Acceptance Filter Support Register
C0AFSR
XXh
D7D7h
XXh
D7D8h
CAN0 Test Control Register
C0TCR
00h
D7D9h
D7DAh
D7DBh
D7DCh
D7DDh
D7DEh
D7DFh
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com