Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/56D Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # M16C/56D
Description  RENESAS MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/56D Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button M16C/56D Datasheet HTML 57Page - Renesas Technology Corp M16C/56D Datasheet HTML 58Page - Renesas Technology Corp M16C/56D Datasheet HTML 59Page - Renesas Technology Corp M16C/56D Datasheet HTML 60Page - Renesas Technology Corp M16C/56D Datasheet HTML 61Page - Renesas Technology Corp M16C/56D Datasheet HTML 62Page - Renesas Technology Corp M16C/56D Datasheet HTML 63Page - Renesas Technology Corp M16C/56D Datasheet HTML 64Page - Renesas Technology Corp M16C/56D Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 85 page
background image
REJ03B0307-0110 Rev.1.10 Dec 01, 2009
Page 61 of 83
M16C/5LD Group, M16C/56D Group
5. Electrical Characteristics
Figure 5.1
Main clock input oscillation frequency, PLL clock oscillation frequency
Note:
1.
The device is operationally guaranteed under these operating conditions.
Figure 5.2
Ripple Waveform
Table 5.3
Recommended Operating Conditions (2/2) (1)
VCC = 2.7 to 5.5 V, VSS = 0 V, and Topr = -40 to 85°C unless otherwise specified.
The ripple voltage must not excess Vr(VCC) and/or dVr(VCC)/dt.
Symbol
Parameter
Standard
Unit
Min.
Typ.
Max.
Vr(VCC)
Allowable ripple voltage
VCC = 5.0 V
0.5
Vp-p
VCC = 3.0 V
0.3
Vp-p
dVr(VCC)/dt
Ripple voltage falling gradient
VCC = 5.0 V
0.3
V/ms
VCC = 3.0 V
0.3
V/ms
Main clock input oscillation frequency
PLL clock oscillation frequency
20.0
10.0
0.0
32.0
10.0
0.0
3.0
5.5
2.7
5.5
Vcc [V] (main clock: no division)
Vcc [V] (PLL clock oscillation)
2.0
2.7
25.0
V CC
Vr(VCC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com