Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/56D Datasheet(PDF) 81 Page - Renesas Technology Corp

Part # M16C/56D
Description  RENESAS MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/56D Datasheet(HTML) 81 Page - Renesas Technology Corp

Back Button M16C/56D Datasheet HTML 77Page - Renesas Technology Corp M16C/56D Datasheet HTML 78Page - Renesas Technology Corp M16C/56D Datasheet HTML 79Page - Renesas Technology Corp M16C/56D Datasheet HTML 80Page - Renesas Technology Corp M16C/56D Datasheet HTML 81Page - Renesas Technology Corp M16C/56D Datasheet HTML 82Page - Renesas Technology Corp M16C/56D Datasheet HTML 83Page - Renesas Technology Corp M16C/56D Datasheet HTML 84Page - Renesas Technology Corp M16C/56D Datasheet HTML 85Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 81 / 85 page
background image
REJ03B0307-0110 Rev.1.10 Dec 01, 2009
Page 81 of 83
M16C/5LD Group, M16C/56D Group
5. Electrical Characteristics
VCC = 3 V
Timing Requirements
(VCC = 3 V, VSS = 0 V, at Topr = −40 to 85°C unless otherwise specified)
5.3.2.4
Timer B Input
Figure 5.18
Timer B Input
Table 5.37
Timer B Input (Counter Input in Event Counter Mode)
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TB)
TBiIN Input Cycle Time (counted on one edge)
150
ns
tw(TBH)
TBiIN Input HIGH Pulse Width (counted on one edge)
60
ns
tw(TBL)
TBiIN Input LOW Pulse Width (counted on one edge)
60
ns
tc(TB)
TBiIN Input Cycle Time (counted on both edges)
300
ns
tw(TBH)
TBiIN Input HIGH Pulse Width (counted on both edges)
120
ns
tw(TBL)
TBiIN Input LOW Pulse Width (counted on both edges)
120
ns
Table 5.38
Timer B Input (Pulse Period Measurement Mode)
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TB)
TBiIN Input Cycle Time
600
ns
tw(TBH)
TBiIN Input HIGH Pulse Width
300
ns
tw(TBL)
TBiIN Input LOW Pulse Width
300
ns
Table 5.39
Timer B Input (Pulse Width Measurement Mode)
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TB)
TBiIN Input Cycle Time
600
ns
tw(TBH)
TBiIN Input HIGH Pulse Width
300
ns
tw(TBL)
TBiIN Input LOW Pulse Width
300
ns
TBiIN input
tc(TB)
t w(TBH)
t w(TBL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com