Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/56D Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # M16C/56D
Description  RENESAS MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/56D Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button M16C/56D Datasheet HTML 32Page - Renesas Technology Corp M16C/56D Datasheet HTML 33Page - Renesas Technology Corp M16C/56D Datasheet HTML 34Page - Renesas Technology Corp M16C/56D Datasheet HTML 35Page - Renesas Technology Corp M16C/56D Datasheet HTML 36Page - Renesas Technology Corp M16C/56D Datasheet HTML 37Page - Renesas Technology Corp M16C/56D Datasheet HTML 38Page - Renesas Technology Corp M16C/56D Datasheet HTML 39Page - Renesas Technology Corp M16C/56D Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 85 page
background image
REJ03B0307-0110 Rev.1.10 Dec 01, 2009
Page 36 of 83
M16C/5LD Group, M16C/56D Group
4. Special Function Registers (SFRs)
Table 4.14
SFR List (14)
Address
Register
Symbol
Reset Value
02E0h
Base Timer Register
G1BT
XXh
02E1h
XXh
02E2h
Base Timer Control Register 0
G1BCR0
00h
02E3h
Base Timer Control Register 1
G1BCR1
00h
02E4h
Time Measurement Prescaler Register 6
G1TPR6
00h
02E5h
Time Measurement Prescaler Register 7
G1TPR7
00h
02E6h
Function Enable Register
G1FE
00h
02E7h
Function Select Register
G1FS
00h
02E8h
Base Timer Reset Register
G1BTRR
XXh
02E9h
XXh
02EAh
Count Source Divide Register
G1DV
00h
02EBh
02ECh
Waveform Output Master Enable Register
G1OER
00h
02EDh
02EEh
Timer S I/O Control Register 0
G1IOR0
00h
02EFh
Timer S I/O Control Register 1
G1IOR1
00h
02F0h
Interrupt Request Register
G1IR
XXh
02F1h
Interrupt Enable Register 0
G1IE0
00h
02F2h
Interrupt Enable Register 1
G1IE1
00h
02F3h
02F4h
02F5h
02F6h
02F7h
02F8h
02F9h
02FAh
02FBh
02FCh
02FDh
02FEh
NMI Digital Debounce Register
NDDR
FFh
02FFh
P1_7 Digital Debounce Register
P17DDR
FFh
0300h
0301h
0302h
Timer A1-1 Register
TA11
XXh
0303h
XXh
0304h
Timer A2-1 Register
TA21
XXh
0305h
XXh
0306h
Timer A4-1 Register
TA41
XXh
0307h
XXh
0308h
Three-Phase PWM Control Register 0
INVC0
00h
0309h
Three-Phase PWM Control Register 1
INVC1
00h
030Ah
Three-Phase Output Buffer Register 0
IDB0
XX11 1111b
030Bh
Three-Phase Output Buffer Register 1
IDB1
XX11 1111b
030Ch
Dead Time Timer
DTT
XXh
030Dh
Timer B2 Interrupt Generating Frequency Set Counter
ICTB2
XXh
030Eh
Position-Data-Retain Function Control Register
PDRF
XXXX 0000b
030Fh
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com