Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/56D Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # M16C/56D
Description  RENESAS MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/56D Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button M16C/56D Datasheet HTML 22Page - Renesas Technology Corp M16C/56D Datasheet HTML 23Page - Renesas Technology Corp M16C/56D Datasheet HTML 24Page - Renesas Technology Corp M16C/56D Datasheet HTML 25Page - Renesas Technology Corp M16C/56D Datasheet HTML 26Page - Renesas Technology Corp M16C/56D Datasheet HTML 27Page - Renesas Technology Corp M16C/56D Datasheet HTML 28Page - Renesas Technology Corp M16C/56D Datasheet HTML 29Page - Renesas Technology Corp M16C/56D Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 85 page
background image
REJ03B0307-0110 Rev.1.10 Dec 01, 2009
Page 26 of 83
M16C/5LD Group, M16C/56D Group
4. Special Function Registers (SFRs)
Table 4.4
SFR List (4)
Address
Register
Symbol
Reset Value
0070h
UART4 Receive Interrupt Control Register
S4RIC
XXXX X000b
0071h
CAN0 Wakeup Interrupt Control Register
C0WIC
XXXX X000b
0072h
UART3 Transmit Interrupt Control Register,
CAN0 Error Interrupt Control Register
S3TIC,
C0EIC
XXXX X000b
0073h
UART3 Receive Interrupt Control Register
S3RIC
XXXX X000b
0074h
Real-Time Clock Cycle Interrupt Control Register
RTCTIC
XXXX X000b
0075h
CAN0 Receive Completion Interrupt Control Register
C0RIC
XXXX X000b
0076h
CAN0 Transmit Completion Interrupt Control Register
C0TIC
XXXX X000b
0077h
CAN0 Receive FIFO Interrupt Control Register
C0FRIC
XXXX X000b
0078h
CAN0 Transmit FIFO Interrupt Control Register
C0FTIC
XXXX X000b
0079h
IC/OC Interrupt 0 Control Register
ICOC0IC
XXXX X000b
007Ah
IC/OC Channel 0 Interrupt Control Register
ICOCH0IC
XXXX X000b
007Bh
IC/OC Interrupt 1 Control Register,
I2C-bus Interface Interrupt Control Register
ICOC1IC,
IICIC
XXXX X000b
007Ch
IC/OC Channel 1 Interrupt Control Register,
SCL/SDA Interrupt Control Register
ICOCH1IC,
SCLDAIC
XXXX X000b
007Dh
IC/OC Channel 2 Interrupt Control Register
ICOCH2IC
XXXX X000b
007Eh
IC/OC Channel 3 Interrupt Control Register
ICOCH3IC
XXXX X000b
007Fh
IC/OC Base Timer Interrupt Control Register
BTIC
XXXX X000b
0080h
0081h
0082h
0083h
0084h
0085h
0086h
0087h
0088h
0089h
008Ah
008Bh
008Ch
008Dh
008Eh
008Fh
0090h
0091h
0092h
0093h
0094h
0095h
0096h
0097h
0098h
0099h
009Ah
009Bh
009Ch
009Dh
009Eh
009Fh
00A0h to
012Fh
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com