Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/56D Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # M16C/56D
Description  RENESAS MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/56D Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button M16C/56D Datasheet HTML 18Page - Renesas Technology Corp M16C/56D Datasheet HTML 19Page - Renesas Technology Corp M16C/56D Datasheet HTML 20Page - Renesas Technology Corp M16C/56D Datasheet HTML 21Page - Renesas Technology Corp M16C/56D Datasheet HTML 22Page - Renesas Technology Corp M16C/56D Datasheet HTML 23Page - Renesas Technology Corp M16C/56D Datasheet HTML 24Page - Renesas Technology Corp M16C/56D Datasheet HTML 25Page - Renesas Technology Corp M16C/56D Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 85 page
background image
REJ03B0307-0110 Rev.1.10 Dec 01, 2009
Page 22 of 83
M16C/5LD Group, M16C/56D Group
3. Memory
3.
Memory
Special Function Registers (SFRs) are allocated from address 00000h to 003FFh and from 0D000h to
0D7FFh. Peripheral function control registers are located here. All blank spaces within SFRs are reserved,
so do not access any blank spaces.
The internal RAM is allocated from address 00400h to superior direction. For example, a 8-Kbyte internal
RAM is addressed from 00400h to 023FFh. The internal RAM is used not only for data storage but also for
stack area when subroutines are called or when interrupt request are acknowledged.
The internal ROM is flash memory. Three internal ROM areas are available: data flash, program ROM 1,
and program ROM 2.
The data flash is addressed from 0E000h to 0FFFFh. This data flash space is used not only for data storage
but also for program storage.
Program ROM 2 is assigned addresses 10000h to 13FFFh. Program ROM 1 is assigned addresses
FFFFFh to inferior direction. For example, the 64-Kbyte program ROM 1 space has addresses F0000h to
FFFFFh.
The special page vectors are assigned addresses FFE00h to FFFD7h. They are used for the JMPS
instruction and JSRS instruction. Refer to the M16C/60, M16C/20, M16C/Tiny Series Software Manual for
details.
The fixed vector table for interrupts, ID code write address, OFS1 address and OSF2 address are assigned
addresses FFFDBh to FFFFFh.
The 256 bytes beginning with the start address set in the INTB register compose the relocatable vector table
for interrupts.
Figure 3.1
Memory Map
Notes:
1. Do not access the reserved areas.
2. The figure above applies under the following conditions:
-The PM10 bit in the PM1 register is set to 1 (addresses from 0E000h to 0FFFFh are used as data flash)
-The PRG2C0 bit in the PRG2C register is set to 0 (program ROM 2 enabled)
00000h
XXXXXh
0D000h
00400h
0D800h
0E000h
10000h
14000h
YYYYYh
FFFFFh
FFFFFh
FFFDBh
FFFD8h
FFE00h
256 bytes beginning with the start
address set in the INTB register
13FFFh
13FF0h
13000h
Reserved
Reserved
Internal ROM
(Data flash)
Internal ROM
(Program ROM 2)
SFRs
SFRs
Internal RAM
Reserved
Internal ROM
(Program ROM 1)
On-chip debugger
monitor area
User boot code area
Relocatable vector table
Special page vector
table
Reserved
Fixed vector table
ID code address
OFS1 address, OFS2
address
Internal RAM
Capacity
XXXXXh
4 Kbytes
013FFh
8 Kbytes
023FFh
12 Kbytes
033FFh
20 Kbytes
053FFh
Internal ROM
Capacity
YYYYYh
64 Kbytes
F0000h
96 Kbytes
E8000h
128 Kbytes
E0000h
256 Kbytes
C0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com