Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/56D Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M16C/56D
Description  RENESAS MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/56D Datasheet(HTML) 2 Page - Renesas Technology Corp

  M16C/56D Datasheet HTML 1Page - Renesas Technology Corp M16C/56D Datasheet HTML 2Page - Renesas Technology Corp M16C/56D Datasheet HTML 3Page - Renesas Technology Corp M16C/56D Datasheet HTML 4Page - Renesas Technology Corp M16C/56D Datasheet HTML 5Page - Renesas Technology Corp M16C/56D Datasheet HTML 6Page - Renesas Technology Corp M16C/56D Datasheet HTML 7Page - Renesas Technology Corp M16C/56D Datasheet HTML 8Page - Renesas Technology Corp M16C/56D Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 85 page
background image
REJ03B0307-0110 Rev.1.10 Dec 01, 2009
Page 2 of 83
M16C/5LD Group, M16C/56D Group
1. Overview
1.2
Specifications
Table 1.1 to Table 1.4 list specifications of the M16C/5LD Group, M16C/56D Group.
Note:
1.
IEBus is a trademark of NEC Electronics Corporation.
Table 1.1
Specifications (80-pin Version) (1/2)
Item
Function
Specification
CPU
Central processing unit M16C/60 Series CPU Core (Multiplier: 16 × 16
32 bits, Multiply-accumulate
unit: 16 × 16 + 32
32 bits)
• Basic instructions: 91
• Minimum instruction execution time:
31.25 ns (f(BCLK) = 32 MHz, VCC = 3.0 to 5.5 V)
40ns (f(BCLK) = 25MHz, VCC = 2.7 to 5.5V)
• Operating mode: Single-chip mode
Memory
ROM, RAM, data flash
See Table 1.5. and Table 1.6
Voltage
Detection
Voltage detector
• 2 voltage detect points
Clock
Clock generator
• 4 circuits (Main clock, sub clock, PLL frequency synthesizer, 125-kHz on-
chip oscillator)
• Oscillation stop detector: Main clock oscillator stop/re-oscillation detection
• Frequency divide circuit: Divide-by-1, 2, 4, 8, or 16 selectable
• Low-power consumption modes: Wait mode, stop mode
• Real time clock
I/O Ports
Programmable I/O
ports
• 71 CMOS inputs/outputs, a pull-up resistor selectable
Interrupts
• Interrupt vectors: 70
• External interrupt inputs: 11 (NMI, INT × 6, key input × 4)
• Interrupt priority levels: 7 levels
Watchdog Timer
• 15 bits × 1 (with prescaler)
• Automatic reset start function selectable
• 125-kHz on-chip oscillator for watchdog timer
DMA
DMAC
• 4 channels, Cycle-steal transfer mode
• Trigger sources: 42
• Transfer modes: 2 (single transfer, repeat transfer)
Timers
Timer A
16-bit timer × 5
Timer mode, event counter mode, one-shot timer mode, pulse-width
modulation (PWM) mode
Two-phase pulse signal processing in event counter mode (two-phase
encoder input) × 3
Programmable output mode × 3
Timer B
16-bit timer × 3
Timer mode, event counter mode, pulse frequency measurement mode,
pulse-width measurement mode
Timer function for three-
phase motor control
Three-phase motor control timer ×1 (timers A1, A2, A4, and B2 used)
On-chip dead time timer
Timer S (Input capture/
output compare)
• 16-bit timer × 1 (base timer)
• I/O: 8 channels
Task monitoring timer
16-bit timer ×1 channel
Real-time clock
Count: seconds, minutes, hours, weeks
Serial
Interface
UART0 to UART4
4 channels (UART, clock synchronous serial interface)
1 channels (UART, clock synchronous serial interface, I2C-bus, IEBus)(1)
A/D Converter
10-bit resolution × 27 channels (A/D circuit)
10-bit resolution × 4 channels (A/D1 circuit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com