Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/56D Datasheet(PDF) 66 Page - Renesas Technology Corp

Part # M16C/56D
Description  RENESAS MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/56D Datasheet(HTML) 66 Page - Renesas Technology Corp

Back Button M16C/56D Datasheet HTML 62Page - Renesas Technology Corp M16C/56D Datasheet HTML 63Page - Renesas Technology Corp M16C/56D Datasheet HTML 64Page - Renesas Technology Corp M16C/56D Datasheet HTML 65Page - Renesas Technology Corp M16C/56D Datasheet HTML 66Page - Renesas Technology Corp M16C/56D Datasheet HTML 67Page - Renesas Technology Corp M16C/56D Datasheet HTML 68Page - Renesas Technology Corp M16C/56D Datasheet HTML 69Page - Renesas Technology Corp M16C/56D Datasheet HTML 70Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 85 page
background image
REJ03B0307-0110 Rev.1.10 Dec 01, 2009
Page 66 of 83
M16C/5LD Group, M16C/56D Group
5. Electrical Characteristics
Note:
1.
To use the power-on reset function, enable voltage monitor 0 reset by setting the LVDAS bit in the OFS1 address
to 0.
Figure 5.4
Power-On Reset Circuit Electrical Characteristics
Note:
1.
When VCC = 5 V.
Table 5.10
Power-On Reset Circuit
The measurement condition is Topr = -40 to 85°C, unless otherwise specified.
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
trth
External power VCC rise gradient
2.0
50000 mV/ms
tfth
External power VCC fall gradient
50000 mV/ms
Vpor
Voltage at which power-on reset enabled (1)
0.1
V
tw(por)
Hold time at which power-on reset enabled
1.0
ms
Table 5.11
Power Supply Circuit Timing Characteristics
Symbol
Parameter
Measuring Condition
Standard
Unit
Min.
Typ.
Max.
td(P-R)
Time for Internal Power Supply Stabilization
During Powering-On
VCC = 3.0 V to 5.5V
5ms
td(R-S)
STOP Release Time
300
μs
td(W-S)
Low Power Mode Wait Mode Release Time
150
μs
Vpor
Internal
reset signal
1
fOCO-S
× 128
External Power VCC
Vdet0
t rth
tw(por)
t rth
Vdet0
1
fOCO-S
× 128
t fth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com