Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/56D Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # M16C/56D
Description  RENESAS MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/56D Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button M16C/56D Datasheet HTML 31Page - Renesas Technology Corp M16C/56D Datasheet HTML 32Page - Renesas Technology Corp M16C/56D Datasheet HTML 33Page - Renesas Technology Corp M16C/56D Datasheet HTML 34Page - Renesas Technology Corp M16C/56D Datasheet HTML 35Page - Renesas Technology Corp M16C/56D Datasheet HTML 36Page - Renesas Technology Corp M16C/56D Datasheet HTML 37Page - Renesas Technology Corp M16C/56D Datasheet HTML 38Page - Renesas Technology Corp M16C/56D Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 85 page
background image
REJ03B0307-0110 Rev.1.10 Dec 01, 2009
Page 35 of 83
M16C/5LD Group, M16C/56D Group
4. Special Function Registers (SFRs)
Table 4.13
SFR List (13)
Address
Register
Symbol
Reset Value
02B0h
I2C0 Data Shift Register
S00
XXh
02B1h
02B2h
I2C0 Address Register 0
S0D0
0000 000Xb
02B3h
I2C0 Control Register 0
S1D0
0000 0000b
02B4h
I2C0 Clock Control Register
S20
00h
02B5h
I2C0 Start/Stop Condition Control Register
S2D0
0001 1010b
02B6h
I2C0 Control Register 1
S3D0
0011 0000b
02B7h
I2C0 Control Register 2
S4D0
0000 0000b
02B8h
I2C0 Status Register 0
S10
0001 000Xb
02B9h
I2C0 Status Register 1
S11
XXXX X000b
02BAh
I2C0 Address Register 1
S0D1
0000 000Xb
02BBh
I2C0 Address Register 2
S0D2
0000 000Xb
02BCh
02BDh
02BEh
02BFh
02C0h
Time Measurement Register 0
Waveform Generation Register 0
G1TM0
G1PO0
XXh
02C1h
XXh
02C2h
Time Measurement Register 1
Waveform Generation Register 1
G1TM1
G1PO1
XXh
02C3h
XXh
02C4h
Time Measurement Register 2
Waveform Generation Register 2
G1TM2
G1PO2
XXh
02C5h
XXh
02C6h
Time Measurement Register 3
Waveform Generation Register 3
G1TM3
G1PO3
XXh
02C7h
XXh
02C8h
Time Measurement Register 4
Waveform Generation Register 4
G1TM4
G1PO4
XXh
02C9h
XXh
02CAh
Time Measurement Register 5
Waveform Generation Register 5
G1TM5
G1PO5
XXh
02CBh
XXh
02CCh
Time Measurement Register 6
Waveform Generation Register 6
G1TM6
G1PO6
XXh
02CDh
XXh
02CEh
Time Measurement Register 7
Waveform Generation Register 7
G1TM7
G1PO7
XXh
02CFh
XXh
02D0h
Waveform Generation Control Register 0
G1POCR0
0X00 XX00b
02D1h
Waveform Generation Control Register 1
G1POCR1
0X00 XX00b
02D2h
Waveform Generation Control Register 2
G1POCR2
0X00 XX00b
02D3h
Waveform Generation Control Register 3
G1POCR3
0X00 XX00b
02D4h
Waveform Generation Control Register 4
G1POCR4
0X00 XX00b
02D5h
Waveform Generation Control Register 5
G1POCR5
0X00 XX00b
02D6h
Waveform Generation Control Register 6
G1POCR6
0X00 XX00b
02D7h
Waveform Generation Control Register 7
G1POCR7
0X00 XX00b
02D8h
Time Measurement Control Register 0
G1TMCR0
00h
02D9h
Time Measurement Control Register 1
G1TMCR1
00h
02DAh
Time Measurement Control Register 2
G1TMCR2
00h
02DBh
Time Measurement Control Register 3
G1TMCR3
00h
02DCh
Time Measurement Control Register 4
G1TMCR4
00h
02DDh
Time Measurement Control Register 5
G1TMCR5
00h
02DEh
Time Measurement Control Register 6
G1TMCR6
00h
02DFh
Time Measurement Control Register 7
G1TMCR7
00h
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com