Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/56D Datasheet(PDF) 78 Page - Renesas Technology Corp

Part # M16C/56D
Description  RENESAS MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/56D Datasheet(HTML) 78 Page - Renesas Technology Corp

Back Button M16C/56D Datasheet HTML 74Page - Renesas Technology Corp M16C/56D Datasheet HTML 75Page - Renesas Technology Corp M16C/56D Datasheet HTML 76Page - Renesas Technology Corp M16C/56D Datasheet HTML 77Page - Renesas Technology Corp M16C/56D Datasheet HTML 78Page - Renesas Technology Corp M16C/56D Datasheet HTML 79Page - Renesas Technology Corp M16C/56D Datasheet HTML 80Page - Renesas Technology Corp M16C/56D Datasheet HTML 81Page - Renesas Technology Corp M16C/56D Datasheet HTML 82Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 85 page
background image
REJ03B0307-0110 Rev.1.10 Dec 01, 2009
Page 78 of 83
M16C/5LD Group, M16C/56D Group
5. Electrical Characteristics
VCC = 3 V
5.3.2
Timing Requirements (Peripheral Functions and Others)
(VCC = 3 V, VSS = 0 V, at Topr = -40 to 85°C unless otherwise specified)
5.3.2.1
Reset Input (
RESET Input)
Figure 5.14
Reset Input (
RESET Input)
5.3.2.2
External Clock Input
Note:
1.
The condition is VCC = 2.7V to 3.0V.
Figure 5.15
External Clock Input (XIN Input)
Table 5.30
Reset Input (
RESET Input)
Symbol
Parameter
Standard
Unit
Min.
Max.
tw(RSTL)
RESET input low pulse width
10
μs
Table 5.31
External Clock Input (XIN input) (1)
Symbol
Parameter
Standard
Unit
Min.
Max.
tc
External Clock Input Cycle Time
50
ns
tw(H)
External Clock Input HIGH Pulse Width
20
ns
tw(L)
External Clock Input LOW Pulse Width
20
ns
tr
External Clock Rise Time
9ns
tf
External Clock Fall Time
9ns
RESET input
t w(RTSL)
XIN input
t w(H)
tr
tf
t w(L)
tc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com