Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/56D Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # M16C/56D
Description  RENESAS MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/56D Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button M16C/56D Datasheet HTML 19Page - Renesas Technology Corp M16C/56D Datasheet HTML 20Page - Renesas Technology Corp M16C/56D Datasheet HTML 21Page - Renesas Technology Corp M16C/56D Datasheet HTML 22Page - Renesas Technology Corp M16C/56D Datasheet HTML 23Page - Renesas Technology Corp M16C/56D Datasheet HTML 24Page - Renesas Technology Corp M16C/56D Datasheet HTML 25Page - Renesas Technology Corp M16C/56D Datasheet HTML 26Page - Renesas Technology Corp M16C/56D Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 85 page
background image
REJ03B0307-0110 Rev.1.10 Dec 01, 2009
Page 23 of 83
M16C/5LD Group, M16C/56D Group
4. Special Function Registers (SFRs)
4.
Special Function Registers (SFRs)
4.1
SFRs
An SFR is a control register for a peripheral function. Table 4.1 SFR List (1) to Table 4.35 SFR List (35) list
SFR information.
Notes:
1.
Software reset, watchdog timer reset, oscillation stop detection reset, and voltage monitor 2 reset do
not affect registers: VCR1 and VCR2.
2.
Oscillation stop detection reset does not affect bits CM20, CM21, and CM27.
3.
The state of the bits in the RSTFR register depends on the reset type.
4.
When the LVDAS bit of address OFS1 is 1 at hardware reset.
5.
This value shows the value after a voltage monitor 0 reset, power-on reset or when the LVDAS bit of
address OFS1 is 0 at hardware reset.
Table 4.1
SFR List (1)
Address
Register
Symbol
Reset Value
0000h
0001h
0002h
0003h
0004h
Processor Mode Register 0
PM0
00h
0005h
Processor Mode Register 1
PM1
0000 1000b
0006h
System Clock Control Register 0
CM0
0100 1000b
0007h
System Clock Control Register 1
CM1
0010 0000b
0008h
0009h
000Ah
Protect Register
PRCR
00h
000Bh
000Ch
Oscillation Stop Detection Register
CM2
0X00 0010b (2)
000Dh
000Eh
000Fh
0010h
Program 2 Area Control Register
PRG2C
XXXX XX00b
0011h
0012h
Peripheral Clock Select Register
PCLKR
0000 0011b
0013h
0014h
0015h
Clock Prescaler Reset Flag
CPSRF
0XXX XXXXb
0016h
0017h
0018h
Reset Source Determine Register
RSTFR
XX0X 001Xb (Hardware Reset) (3)
0019h
Voltage Detector 2 Flag Register
VCR1
0000 1000b (1)
001Ah
Voltage Detector Operation Enable Register
VCR2
000X 0000b (1, 4)
001X 0000b (1, 5)
001Bh
001Ch
PLL Control Register 0
PLC0
0X01 X010b
001Dh
001Eh
Processor Mode Register 2
PM2
XX00 0X01b
001Fh
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com