Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/56D Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # M16C/56D
Description  RENESAS MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/56D Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button M16C/56D Datasheet HTML 12Page - Renesas Technology Corp M16C/56D Datasheet HTML 13Page - Renesas Technology Corp M16C/56D Datasheet HTML 14Page - Renesas Technology Corp M16C/56D Datasheet HTML 15Page - Renesas Technology Corp M16C/56D Datasheet HTML 16Page - Renesas Technology Corp M16C/56D Datasheet HTML 17Page - Renesas Technology Corp M16C/56D Datasheet HTML 18Page - Renesas Technology Corp M16C/56D Datasheet HTML 19Page - Renesas Technology Corp M16C/56D Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 85 page
background image
REJ03B0307-0110 Rev.1.10 Dec 01, 2009
Page 16 of 83
M16C/5LD Group, M16C/56D Group
1. Overview
1.6
Pin Functions
Note 1. Please contact the oscillator manufacturer for oscillation characteristic.
Table 1.11
Pin Functions (64-Pin and 80-Pin Packages)
Signal Name
Pin Name
I/O
Description
Power supply
VCC, VSS
I
Apply 2.7 V to 5.5 V to VCC pin and 0 V to VSS pin.
Analog power
supply
AVCC,
AVSS
I
Power supply for the A/D converter. AVCC and AVSS should be
connected to VCC and VSS, respectively.
Reset input
RESET
I
Low active input pin. Driving this low resets the MCU.
CNVSS
CNVSS
I
Connect the CNVSS to VSS.
Main clock input
XIN
I
Input/output pin for the main clock oscillator. Connect a ceramic
resonator or crystal oscillator between XIN and XOUT. (1) To apply
an external clock, connect it to XIN and leave XOUT open. When
XIN is not used, connect XIN to VCC pin and leave XOUT open.
Main clock output
XOUT
O
Sub clock input
XCIN
I
Input/output for the sub clock oscillator. Connect a crystal oscillator
between XCIN and XCOUT.
Sub clock output
XCOUT
O
Clock output
CLKOUT
O
This pin outputs the clock having the same frequency as f1, f8, f32,
or fC.
INT interrupt input
INT0 to INT5
I
Low active input pins for
INT interrupt. INT2 is used to input Z-phase
of timer A.
NMI input
NMI
I
Low active input pin for
NMI interrupt.
Key input interrupt
KI0 to KI3
I
Low active Input pins for the key input interrupt
Timer A
TA0OUT to
TA4OUT
I/O
Timers A0 to A4 input/output pins
TA0IN to TA4IN
I
Timers A0 to A4 input pins
ZP
I
Input pin for Z-phase
Timer B
TB0IN to TB2IN
I
Timers B0 to B2 input pins
Three-phase motor
control timer
U,
U,V,V,W,W
O
Output pins for three-phase motor control timers
IDU, IDW, IDV,
SD
I
Input pins for three-phase motor control timers
Real time clock
RTCOUT
O
Output pin for real time clock
Serial interface
CTS0 to CTS3
I
Input pins to control data transmission
RTS0 to RTS3
O
Output pins to control data reception
CLK0 to CLK3
I/O
Transfer clock input/output pins
RXD0 to RXD3
I
Serial data input pins
TXD0 to TXD3
O
Serial data output pins
I2C mode
SDA2
I/O
Serial data input/output pin
SCL2
I/O
Transfer clock input/output pin
Multi-master I2C
bus
SDAMM
I/O
Serial data input/output pin
SCLMM
Transfer clock input/output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com