Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/56D Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # M16C/56D
Description  RENESAS MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/56D Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button M16C/56D Datasheet HTML 56Page - Renesas Technology Corp M16C/56D Datasheet HTML 57Page - Renesas Technology Corp M16C/56D Datasheet HTML 58Page - Renesas Technology Corp M16C/56D Datasheet HTML 59Page - Renesas Technology Corp M16C/56D Datasheet HTML 60Page - Renesas Technology Corp M16C/56D Datasheet HTML 61Page - Renesas Technology Corp M16C/56D Datasheet HTML 62Page - Renesas Technology Corp M16C/56D Datasheet HTML 63Page - Renesas Technology Corp M16C/56D Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 85 page
background image
REJ03B0307-0110 Rev.1.10 Dec 01, 2009
Page 60 of 83
M16C/5LD Group, M16C/56D Group
5. Electrical Characteristics
5.1.2
Recommended Operating Conditions
Notes:
1.
The mean output current is the mean value within 100ms.
2.
Refer to “Figure 5.1 “Main clock input oscillation frequency, PLL clock oscillation frequency”” for the relationship between main
clock oscillation frequency/PLL clock oscillation frequency and supply voltage.
Table 5.2
Operating Conditions (1)
VCC = 2.7 V to 5.5 V, Topr = -40 to 85 °C unless otherwise specified.
Symbol
Characteristic
Value
Unit
Min.
Typ.
Max.
VCC
Supply voltage
3.0
5.5
V
AVCC
Analog supply voltage
VCC
V
VSS
Ground voltage
0V
AVSS
Analog ground voltage
0V
VIH
High level
input voltage
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0 to P3_7, P6_0
to P6_7, P7_0 to P7_7, P8_0 to P8_7, P9_0 to P9_3, P9_5 to
P9_7, P10_0 to P10_7
0.7 VCC
VCC
V
XIN,
RESET, CNVSS
0.8 VCC
VCC
SDAMM, SCLMM
When I2C-bus input level selected
0.7 VCC
VCC
V
When SMBUS input level selected
2.1
VCC
V
VIL
Low level
input voltage
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0 to P3_7, P6_0
to P6_7, P7_0 to P7_7, P8_0 to P8_7, P9_0 to P9_3, P9_5 to
P9_7, P10_0 to P10_7
0
0.3 VCC
V
XIN,
RESET, CNVSS
0
0.2 VCC
V
SDAMM, SCLMM
When I2C-bus input level selected
0
0.3 VCC
V
When SMBUS input level selected
0
0.8
V
IOH(sum)
High peak
output
current
Sum of IOH(peak) at P0_0 to P0_7, P1_0 to P1_7, P2_0 to
P2_7, P3_0 to P3_7, P6_0 to P6_7, P7_0 to P7_7, P8_0 to
P8_7, P9_0 to P9_3, P9_5 to P9_7, P10_0 to P10_7
80.0
mA
IOH(peak)
High level
peak output
current
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0 to P3_7, P6_0
to P6_7, P7_0 to P7_7, P8_0 to P8_7, P9_0 to P9_3, P9_5 to
P9_7, P10_0 to P10_7
-10.0
mA
IOH(avg)
High level
average
output
current (1)
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0 to P3_7, P6_0
to P6_7, P7_0 to P7_7, P8_0 to P8_7, P9_0 to P9_3, P9_5 to
P9_7, P10_0 to P10_7
-5.0
mA
IOL(sum)
Low peak
output
current
Sum of IOL(peak) atP0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_7, P9_0
to P9_3, P9_5 to P9_7, P10_0 to P10_7
-80.0
mA
IOL(peak)
Low level
peak output
current
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0 to P3_7, P6_0
to P6_7, P7_0 to P7_7, P8_0 to P8_7, P9_0 to P9_3, P9_5 to
P9_7, P10_0 to P10_7
10.0
mA
IOL(avg)
Low level
average
output
current (1)
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0 to P3_7, P6_0
to P6_7, P7_0 to P7_7, P8_0 to P8_7, P9_0 to P9_3, P9_5 to
P9_7, P10_0 to P10_7
5.0
mA
f(XIN)
Main clock input oscillation frequency (2)
220
MHz
f(XCIN)
Sub clock oscillation oscillator frequency
32.768
50
kHz
f(PLL)
PLL clock oscillation frequency (2)
VCC = 2.7 V to 5.5 V
10
25
MHz
VCC = 3.0 V to 5.5 V
10
32
f(BCLK)
CPU operation frequency
232
MHz
tsu(PLL)
Wait time to stabilize PLL frequency
synthesizer
VCC = 5.0 V
2
ms
VCC = 3.0 V
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com