Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/56D Datasheet(PDF) 62 Page - Renesas Technology Corp

Part # M16C/56D
Description  RENESAS MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/56D Datasheet(HTML) 62 Page - Renesas Technology Corp

Back Button M16C/56D Datasheet HTML 58Page - Renesas Technology Corp M16C/56D Datasheet HTML 59Page - Renesas Technology Corp M16C/56D Datasheet HTML 60Page - Renesas Technology Corp M16C/56D Datasheet HTML 61Page - Renesas Technology Corp M16C/56D Datasheet HTML 62Page - Renesas Technology Corp M16C/56D Datasheet HTML 63Page - Renesas Technology Corp M16C/56D Datasheet HTML 64Page - Renesas Technology Corp M16C/56D Datasheet HTML 65Page - Renesas Technology Corp M16C/56D Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 85 page
background image
REJ03B0307-0110 Rev.1.10 Dec 01, 2009
Page 62 of 83
M16C/5LD Group, M16C/56D Group
5. Electrical Characteristics
5.1.3
A/D Conversion Characteristics
.
Notes:
1.
Use when AVCC = VCC
2.
Flash memory rewrite disabled. Except for the analog input pin, set the pins to be measured as input
ports and connect them to VSS. See Figure 5.3 “A/D Accuracy Measure Circuit”.
3.
This applies when using A/D1 circuits, with the ADSTBY bit for the unused A/D converter set to 0
(A/D operation stopped (standby)).
4.
When analog input voltage is over reference voltage, the result of A/D conversion is 3FFh.
Figure 5.3
A/D Accuracy Measure Circuit
Table 5.4
A/D Conversion Characteristics (1, 3)
VCC = AVCC = VREF = 3.0 to 5.5 V, VSS = AVSS = 0 V at Topr = -40 to 85°C unless otherwise specified
Symbol
Parameter
Measuring Condition
Standard
Unit
Min.
Typ.
Max.
—–
Resolution
VREF = VCC
10
Bits
INL
Integral Non-Linearity Error
VREF = VCC = 5.0 V (2)
±3
LSB
VREF = VCC = 3.3 V (2)
±5
LSB
—–
Absolute Accuracy
VREF = VCC = 5.0 V (2)
±3
LSB
VREF = VCC = 3.3 V (2)
±5
LSB
φAD
A/D operating clock frequency
4.0 V
≤ V
CC ≤ 5.5 V
2
25
MHz
3.2 V
≤ V
CC ≤ 4.0 V
2
16
MHz
3.0 V
≤ V
CC ≤ 3.2 V
2
10
MHz
—–
Tolerance Level Impedance
3
k
Ω
DNL
Differential Non-Linearity Error
(2)
±1
LSB
—–
Offset Error
(2)
±3
LSB
—–
Gain Error
(2)
±3
LSB
tCONV
10-bit Conversion Time
VREF = VCC = 5V,
φAD = 25 MHz
1.60
μs
tsamp
Sampling time
0.6
μs
VREF
Reference Voltage
3.0
VCC
V
VIA
Analog Input Voltage (4)
0VREF
V
AN
Analog input
AN: One of the analog input pin
P0 to P10: I/O pins other than AN
P0 to P10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com